AI

The **TCS-7Z-R/CE** is a specialized electronic component primarily used in industrial sensing and automation, specifically associated with **SMC Corporation’s** line of pneumatic actuators and cylinders. It is a magnetic field sensor (Auto Switch) designed to detect the position of a piston within a cylinder.
---
### 1. Core Technical Specifications
The "R/CE" suffix indicates specific electrical characteristics and compliance standards (European CE marking).
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Reed Switch (Mechanical contact) |
| **Electrical Entry** | Grommet (Direct wire lead) |
| **Applied Load** | Relay, PLC (Programmable Logic Controller) |
| **Load Voltage** | 24 VDC / 100 VAC |
| **Load Current Range** | 5 to 40 mA (DC) / 5 to 20 mA (AC) |
| **Internal Voltage Drop** | 2.4 V or less |
| **Indicator Light** | Red LED (illuminates when "ON") |
| **Environmental Standards** | CE Marking / RoHS Compliant |
---
### 2. Electronic Operating Principle
The device operates on the **Reed Switch principle**:
1. **Magnetic Induction:** The piston inside the pneumatic cylinder is equipped with a permanent magnet.
2. **Contact Closure:** When the piston moves into proximity with the TCS-7Z sensor, the magnetic field pulls two ferromagnetic reeds together inside a hermetically sealed glass envelope.
3. **Circuit Completion:** This closes the electrical circuit, allowing current to flow to the PLC or control system.
4. **Signal Feedback:** The integrated LED provides a visual confirmation that the sensor has successfully detected the magnet.
---
### 3. Wiring Configuration
The TCS-7Z-R/CE typically uses a **2-wire system**. This makes it easy to integrate but requires attention to the "Internal Voltage Drop."
```cpp
// Basic Wiring Logic (Simplified)
[Power Source (+)] ---- [Load (PLC Input/Relay)] ---- [TCS-7Z Brown Wire]
[TCS-7Z Blue Wire] ---- [Power Source (-)]
```
*Note: Because it is a 2-wire reed switch, there is no polarity requirement for the switch itself to function, but the LED is polarity-dependent. For the LED to light up, the Brown wire must be connected to the positive (+) side.*
---
### 4. Application Considerations
* **Protection:** Since it is a reed switch (mechanical), it is susceptible to physical shock and strong external magnetic interference.
* **Durability:** Unlike solid-state (NPN/PNP) sensors, reed switches have a finite mechanical life (number of cycles) due to contact wear.
* **CE Compliance:** The "CE" designation ensures the part meets European safety, health, and environmental protection requirements, specifically regarding electromagnetic compatibility (EMC).
---
- ⤷What is the difference between a Reed switch and a Solid State auto switch?
- ⤷ How do I troubleshoot a TCS-7Z-R/CE if the LED does not light up?
- ⤷ What are the mounting bracket options for this sensor?