AI

The **TCS-80-R/CE** is a high-precision electronic counting scale, typically used in industrial and commercial environments for inventory management and parts counting. Below is a breakdown of its primary electronic components and technical specifications.
---
### 1. Core Electronic Components
The functionality of the TCS-80-R/CE relies on several key electronic assemblies:
| Component | Description | Function |
| :--- | :--- | :--- |
| **Load Cell** | High-precision strain gauge sensor | Converts physical weight into a measurable electrical signal. |
| **A/D Converter** | Analog-to-Digital Integrated Circuit | Converts the low-voltage analog signal from the load cell into digital data for the CPU. |
| **Microcontroller (MCU)** | Central Processing Unit | Processes weight data, handles unit conversions (kg/lb), and manages the counting logic. |
| **Display Panel** | Triple Window LCD/LED | Simultaneously displays Weight, Unit Weight, and Total Quantity. |
| **Keypad** | Membrane or Mechanical switch matrix | Allows for Tare, Zero, Sample size entry, and alarm limit settings. |
| **Power Supply** | AC Transformer & DC Battery Circuit | Manages 220V/110V input and regulates charging for the internal lead-acid battery. |
---
### 2. Technical Specifications
The electronic logic of the device is calibrated to provide high-resolution results.
- **Maximum Capacity:** 80 kg (Standard for the 80-R series).
- **Readability/Division:** Usually 2g or 5g depending on specific calibration.
- **Internal Resolution:** Often 1/30,000 or higher for accurate piece counting.
- **Interface:** RS-232 Port (Optional/Standard on CE models) for connecting to thermal printers or PCs.
---
### 3. Key Electronic Features
1. **Automatic Piece Weight Update:** The internal software automatically refines the average piece weight as more items are added to the scale, reducing margin of error.
2. **Accumulation Function:** The electronic memory allows for the accumulation of multiple weighings to provide a grand total quantity.
3. **Alarm/Check-Weighing:** Electronic buzzers can be programmed to sound when a specific quantity or weight limit is reached (Hi/Lo/Ok).
4. **Battery Management:** Includes a low-battery indicator and an automatic "power-save" mode to extend the life of the internal rechargeable battery.
---
### 4. Communication Protocol (Example)
If the scale is equipped with an RS-232 interface, the data output typically follows a standard serial format:
```text
Baud Rate: 9600
Data Bits: 8
Stop Bits: 1
Parity: None
Example String: ST,GS,+ 1.500kg (Status, Type, Weight)
```
- ⤷
How do I calibrate the TCS-80-R/CE load cell?
- ⤷ What are the common error codes for this scale model?
- ⤷ Can I connect this scale to a label printer via RS-232?