TCS-83-R/BL
AI

The **TCS-83-R/BL** refers to a specific variation of a **Touchless Capacitive Sensor** or a **Contactless Exit Button**, commonly used in access control systems and automated environments. The suffix "R/BL" typically denotes the LED feedback colors: **Red (Standby)** and **Blue (Active)**.
---
### 1. Key Electronic Components
The device functions by integrating infrared sensing or capacitive proximity detection with a switching circuit.
| Component | Function |
| :--- | :--- |
| **Infrared (IR) Transmitter** | Emits a steady beam of infrared light to detect objects within 5-15cm. |
| **IR Receiver/Photodiode** | Captures reflected IR light when a hand is placed near the sensor. |
| **Control IC (Microcontroller)** | Processes the signal and triggers the relay while managing LED state changes. |
| **Relay (Electromechanical)** | Provides a physical "dry contact" (NO/NC/COM) to unlock doors or signal controllers. |
| **Bi-color LED Ring** | Provides visual status: Blue (Active/Open) and Red (Standby/Locked). |
| **Potentiometer** | Allows manual adjustment of detection distance and delay timing. |
---
### 2. Technical Specifications
The electronic architecture is designed for low-voltage DC environments.
* **Operating Voltage:** 12V DC to 24V DC.
* **Current Consumption:** ~50mA (Active), ~30mA (Standby).
* **Contact Rating:** 3A @ 30V DC / 125V AC.
* **Output Mode:** NO (Normally Open), NC (Normally Closed), and COM (Common).
* **Operating Life:** Over 500,000 cycles (Electronic/Mechanical).
---
### 3. Wiring Configuration
The back of the TCS-83 unit usually features a 5-wire harness or terminal block:
| Wire Color | Label | Description |
| :--- | :--- | :--- |
| **Red** | +V | Positive Power Input (12-24V DC) |
| **Black** | -V | Ground / Negative Input |
| **Yellow** | COM | Common Terminal for Relay |
| **White** | NC | Normally Closed (Breaks circuit when triggered) |
| **Green** | NO | Normally Open (Closes circuit when triggered) |
---
### 4. Adjustability Features
The internal PCB (Printed Circuit Board) usually contains two small adjustment screws:
1. **Sensitivity:** Changes how close a hand must be to trigger the sensor (standard range 3cm - 15cm).
2. **Delay Timer:** Sets how long the relay stays open/closed after a trigger (typically 0.5s to 20s).
---
- ⤷
How do I wire this sensor to an electromagnetic lock?
- ⤷ What is the difference between capacitive and infrared sensing in these buttons?
- ⤷ How can I adjust the detection range if the sensor is triggering falsely?