TCS-86-R/Q
AI

The **TCS-86-R/Q** typically refers to a high-precision, industrial-grade electronic platform scale or its internal controller/indicator system (often based on the **TCS series** standard).
Below is a breakdown of the electronic components and their functions within this system.
---
### 1. Main Electronic Components
| Component | Description | Function |
| :--- | :--- | :--- |
| **Load Cell** | High-precision strain gauge sensor. | Converts physical weight (pressure) into an analog electrical signal. |
| **A/D Converter** | Analog-to-Digital Integrated Circuit. | Translates the weak millivolt signal from the load cell into digital data. |
| **Microcontroller (MCU)** | The "Brain" of the scale. | Processes weight data, handles tare calculations, and manages the UI. |
| **LED/LCD Display** | Visual output interface. | Shows Weight, Unit Price, and Total Price (for "Q" price-computing models). |
| **Keypad Matrix** | Tactile input buttons. | Allows for zeroing, taring, and entering unit prices. |
---
### 2. Technical Specifications (Electronic)
The "R" and "Q" suffixes often denote specific variations in the indicator's firmware or display style:
* **TCS-R:** Usually indicates a basic weighing function with a ruggedized "Round" or specific remote display.
* **TCS-Q:** Usually indicates a **Price Computing** version (showing Weight, Unit Price, and Total).
#### Key Circuitry Features:
* **Power Supply:** Integrated AC-to-DC transformer with a 4V or 6V Lead-Acid rechargeable battery backup.
* **Signal Filtering:** Digital filters within the MCU to stabilize readings against vibrations.
* **Calibration Memory:** An EEPROM chip that stores gravity constants and calibration points even when powered off.
---
### 3. Connection Pinout (Internal)
If you are repairing or interfacing with the board, the load cell connection typically follows this standard 4-wire color code:
```yaml
Red: Excitation + (Power to sensor)
Black: Excitation - (Ground)
Green: Signal + (Data from sensor)
White: Signal - (Data from sensor)
```
---
### 4. Troubleshooting Electronic Faults
| Error Code/Issue | Likely Electronic Cause |
| :--- | :--- |
| **Err-L / Lo** | Battery voltage is below the threshold for the ADC to function. |
| **Drifting Numbers** | Moisture on the PCB or a failing Load Cell strain gauge. |
| **Display O.L** | Overload signal; the voltage from the sensor exceeds the MCU's limit. |
---
- ⤷
How do I calibrate the TCS-86 scale using the keypad?
- ⤷ What are the specific differences between the R and Q indicator models?
- ⤷ Can this scale be interfaced with a PC via RS232?