TCS-8Z-R
AI

The **TCS-8Z-R** is an 8-zone relay expansion module commonly used in building automation, HVAC controls, and security systems. It serves as an interface between low-power logic controllers and high-power electrical loads.
---
### 1. Key Electronic Components & Specifications
The device consists of several critical layers that handle signal isolation, switching, and status reporting.
| Component Type | Description | Specification/Function |
| :--- | :--- | :--- |
| **Relays** | 8 SPDT (Single Pole Double Throw) Relays | Handles AC/DC switching (typically up to 10A). |
| **Optoisolators** | Optical Isolation Circuits | Protects the input logic from high-voltage surges on the load side. |
| **Status LEDs** | Individual Channel Indicators | Visual feedback (Red/Green) for each active relay zone. |
| **Terminal Blocks** | Screw-down Connectors | Interfaces for input signals and output power wiring. |
| **Voltage Regulator** | Internal Power Management | Converts 24V AC/DC input to internal logic levels (5V/12V). |
---
### 2. Functional Layout
#### A. Input Section (Control Side)
The input side typically operates on low voltage (typically **24V AC/DC**). When a signal is received from a thermostat or PLC:
* The signal passes through a current-limiting resistor.
* It activates an **optocoupler**, ensuring there is no direct electrical connection between the controller and the relay coil.
#### B. Switching Section (Power Side)
The relays act as electronically controlled switches.
* **NO (Normally Open):** Circuit is open until the relay is energized.
* **NC (Normally Closed):** Circuit is closed until the relay is energized.
* **COM (Common):** The shared terminal for the load.
#### C. Safety Features
* **Flyback Diodes:** These are placed across the relay coils to prevent voltage spikes (back EMF) from damaging internal transistors when the relay switches off.
* **Fuse Protection:** Often includes onboard traces or fuses to prevent overcurrent damage to the PCB.
---
### 3. Application Use Cases
* **HVAC Zoning:** Controlling multiple dampers or pumps from a single master controller.
* **Industrial Automation:** Allowing a micro-controller to switch industrial motors or lighting banks.
* **Signal Multiplication:** Taking one input signal and triggering multiple isolated outputs.
- ⤷
What are the specific contact ratings (Amps/Volts) for the TCS-8Z-R relays?
- ⤷ How is the power supply wired for the logic side versus the load side?
- ⤷ Does this module support any communication protocols like Modbus or BACnet?