Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TCS-NB-R/BN

  • AI
    Based on the part number provided, this refers to the **TCS-NB-R (Brown)** series of **Terminating Resistors** or specialized **Terminal Blocks** often used in industrial automation and sensing systems (frequently associated with brands like KEYENCE or specialized bus systems). --- ### ## Technical Specifications & Components The "NB-R" series typically functions as a network termination unit. These are essential in electronic circuits to prevent signal reflection at the end of a transmission line. | Feature | Description | | :--- | :--- | | **Component Type** | Passive Electronic Component / Termination Resistor | | **Resistance Value** | Typically 100Ω to 120Ω (standard for RS-485/CAN/Fieldbus) | | **Color Coding** | BN (Brown) - Often indicates specific impedance or wiring standard | | **Connection Type** | Screw terminal or Plug-in connector | | **Housing Material** | Polyamide (PA) or Heat-resistant Plastic | --- ### ### Key Electronic Functions 1. **Impedance Matching**: The primary electronic role is to match the characteristic impedance of the communication cable. This ensures that the electrical energy is absorbed at the end of the line rather than bouncing back. 2. **Noise Reduction**: By absorbing "echoes" or signal reflections, it minimizes EMI (Electromagnetic Interference) and ensures data integrity in high-speed digital circuits. 3. **Signal Stabilization**: It maintains the voltage levels of the differential signals, preventing the "ringing" effect on square waves. --- ### ### Internal Wiring Structure Internally, the device is simple but precision-engineered: ```c // Conceptual representation of the termination circuit [Line A] ----+ | [ R ] <-- Precision Carbon or Metal Film Resistor | [Line B] ----+ ``` * **Resistor Tolerance**: Usually ±1% or ±5% to ensure network stability. * **Wattage**: Typically 1/4W or 1/2W, as signal lines carry very low current. --- ### ### Application Use-Cases * **Industrial Networks**: Used at the physical ends of a daisy-chained RS-485 or Modbus network. * **Sensor Hubs**: Often used with KEYENCE or OMRON sensor controllers to terminate the expansion bus. * **PLC Integration**: Attached to the last I/O module in a rack or remote terminal string.
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value of the TCS-NB-R BN model?
    • ⤷ How do I install this on an RS-485 communication line?
    • ⤷ Are there active versions of this terminator available?