Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TF100505-R15

  • AI
    The **TF100505-R15** is a surface-mount (SMD) high-frequency multilayer chip inductor. It is commonly used in RF (Radio Frequency) circuits for impedance matching, filtering, and signal shaping. Below is a breakdown of its technical specifications and characteristics. --- ### 1. Part Number Deciphering The part number follows a standard industry format for passive components: | Segment | Meaning | Description | | :--- | :--- | :--- | | **TF** | Series Code | Often refers to Thin Film or Multilayer High-Frequency series. | | **100505** | Case Size (Metric) | Dimensions: 1.0mm x 0.5mm x 0.5mm (EIA 0402 equivalent). | | **R15** | Inductance Value | "R" acts as a decimal point. 0.15 microhenries (**150 nH**). | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (such as TDK, Murata, or Taiyo Yuden), the typical specs for an R15 (150nH) inductor in this size are: | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 150 nH | | **Tolerance** | ±5% (J) or ±10% (K) | | **DC Resistance (DCR)** | ~1.5 to 2.5 Ohms (Max) | | **Rated Current** | ~50mA to 150mA | | **Self-Resonant Frequency (SRF)** | > 500 MHz | | **Quality Factor (Q)** | Low to Moderate (Optimized for RF) | --- ### 3. Physical Characteristics * **Package Size:** EIA 0402 (Metric 1005). This is extremely small, roughly the size of a grain of salt. * **Material:** Ceramic-based multilayer structure. * **Terminations:** Usually silver (Ag) with a nickel (Ni) barrier and tin (Sn) plating for lead-free soldering. --- ### 4. Typical Applications Because this is a high-frequency inductor with relatively low current handling, it is used in: 1. **Mobile Communication:** Smartphones, GPS modules, and Bluetooth circuits. 2. **Impedance Matching:** Ensuring maximum power transfer between an antenna and a transceiver. 3. **EMI Suppression:** Filtering high-frequency noise in sensitive signal lines. 4. **VCOs:** Voltage Controlled Oscillators for frequency stabilization. --- ### 5. Soldering & Handling ```markdown - Reflow Soldering: Recommended (standard SAC305 profile). - Hand Soldering: Difficult due to the 0402 size; requires a microscope and fine-tip iron. - Moisture Sensitivity Level (MSL): Usually MSL 1 (Unlimited floor life). ```
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for this inductor?
    • ⤷ How does the Q factor of this inductor affect RF signal quality?
    • ⤷ What is the difference between a wire-wound and this multilayer chip inductor?