Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TFV3A-R100

  • AI
    Based on the part number **TFV3A-R100**, this component is typically identified as a **Current Sense Resistor** (Shunt Resistor) from the TFV series. These are specialized electronic parts used to measure current flow by monitoring the voltage drop across a known resistance. --- ## Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Part Number** | TFV3A-R100 | | **Resistance Value** | 100 mΩ (0.1 Ohms) | | **Tolerance** | Usually ±1% (Standard for "F" or implied grades) | | **Power Rating** | Typically 1W to 3W (Series dependent) | | **Technology** | Metal Foil / Metal Plate | | **Package Type** | Surface Mount (SMD) | --- ## Component Breakdown ### 1. Resistance Value (R100) The code **R100** follows the standard EIA marking system where "R" represents the decimal point. * **Calculation:** R100 = 0.100 Ω or **100 milliohms**. * **Function:** Low resistance values are chosen to minimize power loss while still providing a measurable voltage signal for the IC. ### 2. Physical Construction The **TFV Series** is often characterized by a **4-terminal (Kelvin) connection** or high-precision metal foil construction. * **Kelvin Connection:** Separates the current-carrying path from the voltage-sensing path. This eliminates the resistance of the solder joints and leads from the measurement, ensuring high accuracy. * **Heat Dissipation:** Designed with a large copper or metal plate to handle significant heat during high-current events. ### 3. Application Use Cases * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium batteries. * **DC-DC Converters:** Providing feedback for current-mode control loops. * **Motor Control:** Detecting over-current conditions to protect the motor and driver. * **Power Supplies:** Precise regulation of output current. --- ## Key Advantages 1. **Low TCR (Temperature Coefficient of Resistance):** The resistance remains stable even as the component heats up. 2. **Low Inductance:** Ideal for high-frequency switching environments. 3. **High Reliability:** Metal plate construction is more robust against pulse surges compared to standard thick-film resistors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for the TFV3A-R100 based on its power rating?
    • ⤷ How does a 4-terminal Kelvin connection improve sensing accuracy?
    • ⤷ Are there alternative resistance values available in the TFV series?