Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TFV3X110C-R100

  • AI
    The **TFV3X110C-R100** is a specific model within the category of **Thin Film Chip Resistors**. These components are widely used in precision electronics where stability and low noise are critical. --- ## Technical Specifications Based on the standard nomenclature for this series, here are the core electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Thin Film Resistor | High precision, low noise technology | | **Resistance Value** | 100 $\Omega$ (R100) | The nominal electrical resistance | | **Tolerance** | $\pm$ 0.25% to 0.5% | High accuracy (typical for TFV series) | | **Power Rating** | 0.1W - 0.25W | Dependent on specific package size | | **Package Size** | 0603 or 0805 | Common surface mount (SMD) footprints | | **TCR** | $\pm$ 25 ppm/°C | Temperature Coefficient of Resistance | --- ## Key Electronic Features ### 1. Thin Film Technology Unlike standard thick film resistors, thin film parts are created by sputtering a resistive layer onto a ceramic substrate. This results in: * **Lower Noise:** Reduced thermal and current noise. * **High Linearity:** Better performance at high frequencies. ### 2. High Stability The "TFV" series is often characterized by its **Verified Stability**. These resistors maintain their ohmic value even when exposed to harsh environmental conditions like high humidity or fluctuating temperatures. ### 3. Precision (TCR) The **Temperature Coefficient of Resistance (TCR)** is very low. This means the resistance value does not drift significantly as the circuit heats up, making it ideal for measurement and sensing circuits. --- ## Common Applications Because of its precision and reliability, the **TFV3X110C-R100** is typically found in: 1. **Medical Equipment:** Monitoring devices requiring high accuracy. 2. **Automotive Electronics:** Engine control units (ECU) and sensor interfaces. 3. **Telecommunications:** Signal processing and base station hardware. 4. **Industrial Controls:** Precision scales and automated testing equipment. --- ## Typical Internal Construction * **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic. * **Resistive Layer:** NiCr (Nickel-Chromium) or similar specialty alloys. * **Protective Coating:** Epoxy or glass overcoat for environmental protection. * **Terminations:** Lead-free tin (Sn) over nickel barrier for excellent solderability.
    ✨ Follow-up Questions
    • ⤷ What is the exact package size (EIA code) for the TFV3X110C series?
    • ⤷ How does a thin film resistor compare to a thick film resistor in terms of cost?
    • ⤷ Can this resistor be used in high-frequency RF applications?