TG-16-R/
AI

The **TG-16-R** refers to the **PC Engine** (specifically the **TurboGrafx-16** in its North American iteration) hardware revision. From an electronics standpoint, this system is a milestone in 8-bit/16-bit hybrid architecture.
Below is an overview of the core electronic components and technical specifications.
---
### 1. Core Integrated Circuits (ICs)
The TG-16-R architecture relies on a "Three-Chip" design philosophy developed by Hudson Soft and manufactured by NEC.
| Component | Part Number | Function |
| :--- | :--- | :--- |
| **CPU** | HuC6280 | An 8-bit modified 6502 with a built-in Sound Processing Unit (PSG) and MMU. |
| **VDC** | HuC6270 | Video Display Controller. Manages background layers and sprites. |
| **VCE** | HuC6260 | Video Color Encoder. Converts digital signals to analog and manages the palette. |
### 2. Technical Specifications
* **Processor (HuC6280):**
* **Speed:** Switchable between 1.79 MHz and 7.16 MHz.
* **Architecture:** 8-bit CPU but features 16-bit instructions and a 21-bit address bus via a Memory Management Unit (MMU).
* **Graphics (Hybrid 16-bit):**
* While the CPU is 8-bit, the **HuC6270 (VDC)** is a true 16-bit processor for graphics.
* **Color Palette:** 512 total colors (9-bit).
* **Resolution:** Typically 256x239, though software-programmable up to 512x240.
* **Memory:**
* **Main RAM:** 8 KB.
* **Video RAM (VRAM):** 64 KB.
### 3. Power and Audio/Video Circuitry
The "R" revision or general TG-16 hardware utilizes specific analog components that often require maintenance due to age.
* **Voltage Regulation:** Most units use a standard **7805 voltage regulator** to step down the input voltage (usually 9V-10V DC) to a stable 5V for the ICs.
* **Capacitors:** The system uses electrolytic surface-mount and through-hole capacitors.
* *Note:* The TG-16 is notorious for "leaky caps" which can corrode the PCB and cause audio/video degradation.
* **Audio Output:** The HuC6280 CPU generates 6-channel stereo wavetable synthesis. However, the standard TG-16 hardware only outputs Mono through the RF jack unless the Rear Expansion Port is used.
### 4. The HuCard Interface
Instead of bulky cartridges, the TG-16 uses **HuCards** (TurboChips).
* **Physical:** Slim, credit-card-sized PCB.
* **Electronic Interface:** A 38-pin connector that maps directly to the system's address and data buses. This allows for extremely fast load times compared to optical media of the same era.
---
### Maintenance Tip: The "Jailbars" Issue
Electronic interference is common in these units, resulting in vertical "jailbars" on the video output. This is often solved by:
1. **Replacing Filter Capacitors:** Renewing the caps near the VCE (HuC6260).
2. **RGB Modding:** Bypassing the stock composite/RF circuit to pull clean signals directly from the VCE pins.
- ⤷
How do I perform an RGB mod on a TG-16?
- ⤷ What are the common capacitor values needed for a TG-16 recap?
- ⤷ How does the HuC6280 sound chip compare to the NES or Genesis?