TG-B6-R/
AI

The **TG-B6-R** is a specific model of a wireless industrial remote control receiver, typically used in overhead cranes, hoists, and heavy industrial machinery. It belongs to the **Telecrane** or similar radio control series.
Below is an explanation of its electronic architecture and components.
### 1. Core Technical Specifications
The electronics are designed for high-interference environments and safety-critical operations.
| Component | Specification |
| :--- | :--- |
| **Operating Voltage** | AC 24/48/110/220/380V or DC 12-24V |
| **Frequency Range** | VHF (310-331 MHz) or UHF (425-446 MHz) |
| **Relay Capacity** | 10A / 250VAC |
| **Hamming Distance** | $\geq 4$ (Error detection/correction) |
| **Temperature Range** | -35°C to +85°C |
---
### 2. Key Internal Electronic Parts
The device consists of two main PCB (Printed Circuit Board) layers: the **RF Module** and the **Relay/Power Board**.
#### A. The Microcontroller Unit (MCU)
The "brain" of the receiver. It decodes the incoming radio signals and checks the unique **Security ID Code** (over 4.3 billion combinations) to ensure the receiver only responds to its paired transmitter.
#### B. RF Receiver Module
- **Antenna Port:** Usually an internal or external whip antenna.
- **Crystal Oscillator:** Determines the specific frequency channel. These are often swappable to change frequencies if interference occurs.
- **Filter Circuit:** Uses SAW (Surface Acoustic Wave) filters to block out industrial noise from motors and inverters.
#### C. Relay Output Array
The TG-B6-R features **6 multi-function relays**.
- These are physical electromagnetic switches that open/close the contactors of the crane.
- They are typically rated for high inductive loads.
- **Emergency Stop Relay:** A redundant safety relay that cuts all power if the signal is lost.
#### D. Power Supply Module
- Includes a **Step-down Transformer** or a **Switching Mode Power Supply (SMPS)** to convert high-voltage industrial AC into low-voltage DC (5V/12V) for the logic circuits.
- Protected by **Varistors** to prevent damage from voltage surges.
---
### 3. Safety Features in the Circuitry
1. **Watchdog Timer:** If the internal software freezes, this hardware circuit automatically resets the system to prevent "runaway" commands.
2. **Voltage Detection:** If the input voltage drops below a threshold, the receiver will automatically shut down all relays to prevent erratic behavior.
3. **Internal Fuse:** Protects the internal traces from short circuits in the external wiring.
---
### 4. Typical Wiring Pinout
The electronics interface with the machine via a multi-core cable:
| Wire Color/Number | Function |
| :--- | :--- |
| **Black & Brown** | Power Input (AC/DC) |
| **Red (Main)** | Common / Emergency Stop |
| **Orange** | Start / Horn |
| **Yellow/Green/Blue** | Directional Controls (Up, Down, East, West, etc.) |
- ⤷
How do I pair a new transmitter with a TG-B6-R receiver?
- ⤷ What are the most common failure points in the relay board?
- ⤷ Can the operating frequency be changed via software or hardware?