AI

The **TG0-223-R** is a specific electronic component, typically categorized as a **Microphone / Acoustic Sensor**, manufactured by companies like **Knowles**. It is part of the "Subminiature Performance" line, often used in professional audio, hearing aids, and high-end communication devices.
---
### 1. Technical Specifications
The following table outlines the key electrical and physical characteristics of the TG0-223-R:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Electret Condenser Microphone (ECM) |
| **Output Type** | Analog |
| **Directionality** | Omnidirectional |
| **Sensitivity** | -42 dB to -45 dB (standard range) |
| **Operating Voltage** | 1.3V to 10V DC |
| **Current Consumption** | ~50 µA (Low power) |
| **Signal-to-Noise Ratio (SNR)** | ~60+ dB |
| **Port Location** | Top Ported |
---
### 2. Internal Electronic Structure
The TG0-223-R operates based on the principle of variable capacitance. Internally, it consists of:
* **Diaphragm:** A thin, charged membrane that vibrates in response to sound waves.
* **Backplate:** A fixed electrode that creates a capacitor with the diaphragm.
* **FET (Field Effect Transistor):** Because the impedance of the capsule is extremely high, an internal FET acts as an **Impedance Converter**. It converts the high-impedance signal to a low-impedance signal suitable for standard audio circuits.
* **RC Filter:** Some variants include internal resistors and capacitors to filter out electromagnetic interference (EMI).
---
### 3. Application Areas
Due to its small form factor and high reliability, this component is found in:
1. **Hearing Health:** Digital and analog hearing aids.
2. **Military/Security:** Discrete surveillance equipment and rugged communication headsets.
3. **Consumer Electronics:** High-fidelity lapel microphones and wearable tech.
4. **Medical:** Stethoscopes and acoustic diagnostic tools.
---
### 4. Implementation Code Example
When interfacing this analog part with a microcontroller (like an Arduino or ESP32) for sound level detection, you would typically use an Op-Amp to boost the signal before sampling via ADC.
```cpp
// Basic Analog Read for Microphone Signal
const int micPin = A0; // Connected to the output of a preamp circuit
void setup() {
Serial.begin(9600);
pinMode(micPin, INPUT);
}
void loop() {
int sensorValue = analogRead(micPin);
float voltage = sensorValue * (5.0 / 1023.0);
// Output the raw voltage to Serial Plotter
Serial.println(voltage);
delay(1);
}
```
---
- ⤷What is the difference between top-ported and bottom-ported microphones?
- ⤷ Does the TG0-223-R require an external pre-amplifier for Arduino projects?
- ⤷ What are the soldering precautions for subminiature acoustic components?