Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TGA4548-SM-R

  • AI
    The **TGA4548-SM-R** is a high-performance Ka-band power amplifier (PA) produced by Qorvo. It is primarily used in satellite communications (SATCOM) and point-to-point radio applications. --- ### ## 1. Technical Specifications The following table summarizes the key electrical parameters of the TGA4548-SM-R: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Frequency Range** | 17.3 – 21.2 | GHz | | **Output Power ($P_{sat}$)** | 31 (approx. 1.25W) | dBm | | **Linear Gain** | 22 | dB | | **Third Order Intercept ($OIP3$)** | 39 | dBm | | **Operating Voltage ($V_d$)** | 6 | V | | **Quiescent Current ($I_{dq}$)** | 450 | mA | | **Process Technology** | Power pHEMT (GaAs) | - | --- ### ## 2. Core Functional Blocks To understand how the component works internally, it can be broken down into three main electronic stages: 1. **Input Matching Network:** * Designed for a 50-ohm characteristic impedance. * Includes DC blocking capacitors to prevent the bias voltage from leaking into preceding RF stages. 2. **Multistage Gain Stages:** * Consists of multiple GaAs (Gallium Arsenide) pHEMT transistors. * The cascading stages amplify the low-level input signal to the required watt-level output. 3. **Active Biasing Circuitry:** * Requires both a positive drain voltage ($V_d$) and a negative gate voltage ($V_g$). * Proper sequencing (turning on $V_g$ before $V_d$) is critical to prevent damaging the GaAs transistors. --- ### ## 3. Physical & Environmental Characteristics * **Package Type:** It utilizes a small 5x5 mm QFN (Quad Flat No-lead) surface-mount package. * **Thermal Management:** The bottom of the package features an exposed paddle that must be soldered to a thermal ground plane to dissipate heat generated during high-power operation. * **Compliance:** Lead-free, RoHS compliant, and halogen-free. --- ### ## 4. Typical Applications * **SATCOM Ground Terminals:** Used in the transmission chain of satellite earth stations. * **Point-to-Point Radio:** High-speed microwave backhaul for telecommunications. * **Test & Measurement:** High-frequency signal amplification for lab equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the recommended power-up sequence for the Vd and Vg pins?
    • ⤷ How does the OIP3 value affect the linearity of this amplifier?
    • ⤷ What are the thermal design considerations for the 5x5 mm QFN package?