Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TH200048

  • AI
    The **TH200048** is a specialized high-power electronic component, most commonly recognized as a **high-voltage power supply module** or **rectifier module**, typically used in electric vehicle (EV) charging stations and industrial power systems. ### 1. Technical Overview The TH200048 is designed to convert AC power from the grid into stable DC power. It is categorized as a "Charging Module" known for high efficiency and high power density. | Feature | Typical Specification | | :--- | :--- | | **Input Voltage** | 260V ~ 475V AC (3-Phase) | | **Output Voltage Range** | 200V ~ 1000V DC | | **Max Output Current** | 33A ~ 50A (Model dependent) | | **Rated Power** | 20kW / 30kW | | **Efficiency** | > 95% | | **Cooling** | Forced Air Cooling (Internal Fans) | --- ### 2. Key Internal Electronic Sections The module operates using advanced power electronics topology. Below are the primary stages: #### A. Input Rectification & PFC (Power Factor Correction) * **Bridge Rectifiers:** Converts the 3-phase AC input to a raw DC bus voltage. * **Active PFC:** Uses high-speed switching (MOSFETs/IGBTs) to ensure the current waveform follows the voltage waveform, reducing harmonic distortion and improving efficiency. #### B. DC-DC Converter (Isolation Stage) * **Resonant Topology (LLC/ZVS):** Most TH200048 modules use Zero Voltage Switching (ZVS) to minimize energy loss during high-frequency switching. * **High-Frequency Transformer:** Provides galvanic isolation between the high-voltage grid and the vehicle battery for safety. #### C. Output Rectification & Filtering * **Schottky Diodes/SiC Diodes:** Silicon Carbide (SiC) components are often used here to handle high voltages with minimal thermal loss. * **LC Filter:** Inductors and Capacitors smooth the high-frequency pulses into a steady DC voltage suitable for charging sensitive battery packs. #### D. Control & Communication * **DSP (Digital Signal Processor):** The "brain" that manages the PWM (Pulse Width Modulation) signals. * **CAN Bus Interface:** Allows the module to communicate with the Charging Station Controller (TCU) to adjust voltage and current based on the car's BMS (Battery Management System) requests. --- ### 3. Protection Features Electronic safety is critical in the TH200048 due to the high power levels involved: * **Over-Voltage Protection (OVP):** Shuts down if output exceeds 1000V. * **Over-Temperature Protection (OTP):** Sensors monitor the heatsink; the module derates power if it gets too hot. * **Short Circuit Protection:** Instantaneous shutdown in case of a hardware fault. --- ### 4. Application Context The TH200048 is a "building block." For example, a 120kW DC Fast Charger would typically contain **four** TH200048 modules wired in parallel to achieve the total power output. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 20kW and 30kW versions of the TH200048?
    • ⤷ How does the CAN bus protocol function within this module?
    • ⤷ What are the maintenance requirements for the cooling fans in these rectifiers?