Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TK-236-R

  • AI
    The **TK-236-R** typically refers to a high-performance **2.4GHz RF Transceiver Module** often used in industrial remote controls, wireless data transmission, and RC systems. Below is a breakdown of its electronic characteristics and components. --- ### 1. Key Technical Specifications The module is designed for robust communication in the ISM (Industrial, Scientific, and Medical) radio band. | Parameter | Description | | :--- | :--- | | **Frequency Range** | 2.400 GHz - 2.4835 GHz | | **Modulation** | GFSK (Gaussian Frequency Shift Keying) | | **Operating Voltage** | 1.9V to 3.6V DC | | **Output Power** | +20 dBm (Maximum) | | **Data Rate** | Up to 2 Mbps | | **Communication Interface** | SPI (Serial Peripheral Interface) | --- ### 2. Major Electronic Components The internal circuitry of a TK-236-R module generally consists of four primary sections: #### A. RF Transceiver IC The heart of the module is usually based on the **nRF24L01P** or a similar high-integration chip. It handles the baseband processing, frequency synthesis, and packet handling. #### B. Power Amplifier (PA) and LNA Unlike standard low-power modules, the "R" variant often signifies an extended range. * **PA (Power Amplifier):** Boosts the signal for transmission over long distances (often up to 1km line-of-sight). * **LNA (Low Noise Amplifier):** Increases the sensitivity of the receiver to catch weak incoming signals. #### C. Crystal Oscillator A high-precision crystal (typically **16MHz**) provides the clock source required for stable frequency hopping and timing. #### D. RF Front-End / Antenna * **Antenna Port:** Usually features an IPEX/U.FL connector or an SMA bulkhead for an external 2.4GHz antenna. * **Matching Circuit:** A network of inductors and capacitors (LC circuit) that matches the impedance to 50 ohms for maximum power transfer. --- ### 3. Pinout and Connectivity To interface the TK-236-R with a microcontroller (like Arduino, STM32, or ESP32), the following pins are used: | Pin Name | Function | | :--- | :--- | | **VCC** | Power Supply (3.3V recommended) | | **GND** | Ground | | **CE** | Chip Enable (Activates RX or TX mode) | | **CSN** | SPI Chip Select | | **SCK** | SPI Clock | | **MOSI** | SPI Master Out Slave In | | **MISO** | SPI Master In Slave Out | | **IRQ** | Interrupt Request (Alerts MCU of data arrival) | --- ### 4. Application Logic Example Here is a simplified logic structure in pseudo-code for initializing the SPI communication: ```cpp // Basic SPI initialization for TK-236-R void setup() { RF24 radio(CE_PIN, CSN_PIN); radio.begin(); radio.setPALevel(RF24_PA_MAX); // Set power to maximum radio.setDataRate(RF24_250KBPS); // Lower rate for better range radio.openWritingPipe(address); } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum effective range of the TK-236-R with a high-gain antenna?
    • ⤷ Does the TK-236-R require a specific voltage regulator for 5V systems?
    • ⤷ How do I configure frequency hopping to avoid WiFi interference?