Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TL034CDG4

  • AI
    ## Overview of the TL034CDG4 The **TL034CDG4** is a high-speed, JFET-input operational amplifier (op-amp) manufactured by Texas Instruments. It is designed to offer a balance between low power consumption and high-speed performance, making it a "low-power" alternative to the classic TL074 and TL084 series. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 4 (Quad Op-Amp) | | **Input Type** | JFET (High Input Impedance) | | **Supply Voltage (Max)** | ±18V or 36V single supply | | **Slew Rate** | 5.1 V/µs | | **Gain Bandwidth Product** | 1.1 MHz | | **Supply Current (per amp)** | 200 µA (Typical) | | **Package Type** | SOIC-14 | | **Operating Temperature** | 0°C to 70°C | --- ### 2. Electronic Characteristics * **High Input Impedance:** Because it uses JFET technology at the input stage, it has extremely low input bias and offset currents. This is ideal for high-impedance sensors. * **Low Power Consumption:** It consumes significantly less current than standard TL07x series amplifiers, which is beneficial for battery-powered applications. * **Internal Frequency Compensation:** The device is internally compensated for unity-gain stability. * **Green Compliance (G4 Suffix):** The "G4" suffix indicates that the part is lead-free (RoHS compliant) and uses "Green" mold compound, often referring to a specific transition period in TI's manufacturing standards. --- ### 3. Pinout Configuration (SOIC-14) The TL034 follows the standard quad op-amp pinout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 7, 8, 14 | **Output** | Output of Op-Amps A, B, C, and D | | 2, 6, 9, 13 | **Inverting Input** | Negative input for each channel | | 3, 5, 10, 12 | **Non-Inverting Input** | Positive input for each channel | | 4 | **VCC+** | Positive Power Supply | | 11 | **VCC-** | Negative Power Supply (or Ground) | --- ### 4. Typical Applications 1. **Battery Powered Instrumentation:** Due to the low current draw per channel (200µA). 2. **Active Filters:** High input impedance allows for the use of large resistor values without loading the source. 3. **Photodiode Pre-amps:** Low input bias current is essential for accurate light measurement. 4. **Audio Preamplifiers:** While not the lowest noise op-amp on the market, it provides decent fidelity for general-purpose audio tasks. --- ### 5. Implementation Example Below is a simple code-like representation of how one might define the gain for a non-inverting configuration using this chip in a simulation: ```python # Calculation for Non-Inverting Gain using TL034 # Formula: Vout = Vin * (1 + R_feedback / R_ground) def calculate_gain(r_feedback, r_ground): gain = 1 + (r_feedback / r_ground) return gain # Example with 10k feedback and 1k ground resistor current_gain = calculate_gain(10000, 1000) print(f"The gain of the circuit is: {current_gain}") ```
    ✨ Follow-up Questions
    • ⤷What are the main differences between the TL034 and the TL074?
    • ⤷ Can the TL034 be used with a single 5V power supply?
    • ⤷ What is the significance of the G4 suffix in modern TI part numbers?