Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TL034CPWR

  • AI
    ## TL034CPWR: Technical Overview The **TL034CPWR** is a high-speed, quad-operational amplifier (Op-Amp) belonging to the JFET-input family. It is designed to offer high input impedance, low power consumption, and high slew rates, making it suitable for high-frequency precision applications. --- ### 1. Key Technical Specifications The table below highlights the primary electrical characteristics of the TL034CPWR: | Feature | Specification | | :--- | :--- | | **Number of Channels** | 4 (Quad) | | **Input Type** | JFET-Input | | **Supply Voltage (Max)** | ±18V (or 36V single supply) | | **Slew Rate** | 5.1 V/µs | | **Gain Bandwidth Product** | 1.1 MHz | | **Input Bias Current** | 2 pA (Typical) | | **Supply Current** | 200 µA per amplifier | | **Package Type** | TSSOP-14 | | **Operating Temperature** | 0°C to 70°C | --- ### 2. Functional Characteristics * **JFET Inputs:** By using Junction Field-Effect Transistors at the input stage, this device achieves extremely low input bias and offset currents. This is critical for applications involving high-impedance sensors. * **Low Power Consumption:** It is optimized for low-power operation without sacrificing speed, which is ideal for battery-powered instruments. * **Standard Pinout:** It follows the standard quad op-amp pinout, making it a drop-in replacement for many other TL0xx series chips in TSSOP-14 footprints. --- ### 3. Pin Configuration (TSSOP-14) The TL034CPWR distributes four independent amplifiers across 14 pins: 1. **1OUT**: Output (Amp 1) 2. **1IN-**: Inverting Input (Amp 1) 3. **1IN+**: Non-inverting Input (Amp 1) 4. **VCC+**: Positive Supply 5. **2IN+**: Non-inverting Input (Amp 2) 6. **2IN-**: Inverting Input (Amp 2) 7. **2OUT**: Output (Amp 2) 8. **3OUT**: Output (Amp 3) 9. **3IN-**: Inverting Input (Amp 3) 10. **3IN+**: Non-inverting Input (Amp 3) 11. **VCC-**: Negative Supply (or Ground) 12. **4IN+**: Non-inverting Input (Amp 4) 13. **4IN-**: Inverting Input (Amp 4) 14. **4OUT**: Output (Amp 4) --- ### 4. Typical Applications * **High-Impedance Buffers:** Because of the low bias current, it doesn't load the signal source. * **Active Filters:** Excellent for audio or signal processing filters where phase shift must be minimized. * **Integration/Summing:** Used in precision analog computation and sensor signal conditioning. * **Battery Monitoring:** Low current draw extends the life of portable electronic devices.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the TL034 and the TL074 series?
    • ⤷ Can the TL034CPWR be used with a single-rail power supply?
    • ⤷ How does the TSSOP package affect the thermal management of the device?