TL1093-AB3-R
AI

The **TL1093-AB3-R** is a specific integrated circuit, most commonly identified as a **high-precision shunt regulator** or an **Adjustable Precision Zener Shunt Regulator**. It is designed to provide a stable reference voltage for electronic circuits.
---
## 1. Technical Specifications
The part number breaks down its specific characteristics (often synonymous with the TL431 family standards). Below are the key technical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage Range** | 2.495V to 36V (Adjustable) |
| **Voltage Reference Accuracy** | ±1% (Standard for 'A' Grade) |
| **Sink Current Capability** | 1.0mA to 100mA |
| **Output Impedance** | 0.22 $\Omega$ (Typical) |
| **Package Type** | SOT-89 (Commonly denoted by 'AB3') |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Functional Pins
In the **SOT-89** package, the device typically features three pins:
1. **Reference (Ref):** Used to set the output voltage via a resistor divider.
2. **Anode (A):** The negative terminal, usually connected to the system ground.
3. **Cathode (K):** The positive terminal, which "sinks" current to maintain the regulated voltage.
---
## 3. Circuit Application
The TL1093 functions as a programmable Zener diode. By using two external resistors ($R1$ and $R2$), the output voltage ($V_{out}$) is determined by the following formula:
$$V_{out} = V_{ref} \times (1 + \frac{R1}{R2})$$
### Common Use Cases:
* **Switch Mode Power Supplies (SMPS):** Used in the feedback loop (often paired with an optocoupler) to regulate the secondary side voltage.
* **Voltage Monitoring:** Acts as a comparator for over-voltage or under-voltage detection.
* **Current Limiters:** Can be configured to provide constant current sources.
---
## 4. Part Number Breakdown
The suffixing usually follows industry-standard naming conventions:
* **TL1093:** Series name (Precision Reference).
* **A:** 1% Voltage tolerance.
* **B3:** SOT-89 Package code.
* **R:** Tape and Reel packaging (for automated assembly).
---
- ⤷
What is the difference between TL1093 and the standard TL431?
- ⤷ Can you provide a circuit diagram for using this as a 5V regulator?
- ⤷ What are the power dissipation limits for the SOT-89 package version?