TL431G-AB3-R
AI

The **TL431G-AB3-R** is a precision programmable shunt regulator diode. It is widely used in power management circuits as a voltage reference because of its high thermal stability and adjustable output voltage.
---
## 1. Technical Specifications
The table below summarizes the core electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Reference Voltage ($V_{ref}$)** | 2.495 V (Typical) |
| **Output Voltage Range** | $V_{ref}$ to 36 V |
| **Cathode Current Range** | 1.0 mA to 100 mA |
| **Output Impedance** | 0.2 $\Omega$ (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SOT-89 (Standard for "AB3" suffix) |
---
## 2. Key Features and Pin Configuration
The "G" in the part number usually indicates a "Green" (Halogen-free) product, and "R" refers to Tape & Reel packaging.
### Pinout (SOT-89)
1. **Reference (REF):** Used to set the output voltage via a resistor divider.
2. **Anode (A):** Usually connected to the common ground.
3. **Cathode (K):** The output terminal; connected to the load and the feedback network.
---
## 3. Operating Principle
The TL431 acts like a Zener diode, but with a customizable breakdown voltage.
- It compares the voltage at the **REF** pin to its internal 2.495V bandgap reference.
- If the REF voltage rises above 2.495V, the device increases its cathode current (shunts more current to ground).
- This behavior allows it to be used as an error amplifier in feedback loops.
### Basic Voltage Formula
To set a specific output voltage ($V_{out}$), use two resistors ($R_1$ and $R_2$):
```text
Vout = Vref * (1 + R1 / R2)
```
*(Where R1 is between Cathode and Ref, and R2 is between Ref and Anode)*
---
## 4. Common Applications
* **Switch Mode Power Supplies (SMPS):** Used on the secondary side as a feedback controller (often paired with an optocoupler).
* **Voltage Monitoring:** Used in over-voltage or under-voltage detection circuits.
* **Constant Current Sources:** Used to maintain a steady current through a load.
* **Linear Regulators:** Serving as the reference for high-current pass transistors.
- ⤷
How do I calculate the resistor values for a 5V output using the TL431G?
- ⤷ What is the difference between the TL431 and the TL432?
- ⤷ Can the TL431 be used without an external transistor for high-current applications?