TL431G-AE2-R
AI

The **TL431G-AE2-R** is a popular adjustable precision shunt regulator. It is often referred to as a "programmable zener diode" because its output voltage can be set to any value between its reference voltage ($V_{ref} \approx 2.495V$) and 36V using two external resistors.
---
### 1. Technical Specifications
Below are the key electrical characteristics for the TL431G-AE2-R:
| Parameter | Specification |
| :--- | :--- |
| **Reference Voltage ($V_{ref}$)** | 2.495V (Typical) |
| **Output Voltage Range** | $V_{ref}$ to 36V |
| **Sink Current Capability** | 1.0mA to 100mA |
| **Output Impedance** | 0.2 $\Omega$ (Typical) |
| **Operating Temperature** | -40°C to +85°C (Standard) |
| **Package Type** | SOT-23-3 (Surface Mount) |
---
### 2. Pin Configuration
The "AE2" suffix typically denotes the SOT-23 package pinout. For the TL431G series in this package, the pinout is generally as follows:
1. **Reference (R):** Input used to set the output voltage.
2. **Cathode (K):** The "positive" terminal (similar to a Zener cathode).
3. **Anode (A):** The "negative" terminal/ground.
---
### 3. Key Features & Functionality
* **Programmable Output:** By using a voltage divider connected to the Reference pin, the device maintains the Cathode voltage such that the Reference pin stays at 2.495V.
* **Temperature Stability:** It features low temperature drift, ensuring the voltage remains stable across varying environments.
* **Fast Turn-On:** It has a sharp turn-on characteristic, making it an excellent replacement for standard Zener diodes in many applications.
---
### 4. Application Circuit (Example)
To calculate the output voltage ($V_{out}$) based on two resistors ($R_1$ and $R_2$):
```python
# The formula for Output Voltage (Vout)
# Vout = Vref * (1 + R1 / R2) + Iref * R1
Vref = 2.495
R1 = 10000 # 10k Ohms
R2 = 10000 # 10k Ohms
Vout = Vref * (1 + R1 / R2)
print(f"Calculated Vout: {Vout}V") # Result: 4.99V
```
---
### 5. Common Use Cases
* **Shunt Regulator:** Providing a stable reference voltage for analog circuits.
* **Switching Power Supplies (SMPS):** Used in the feedback loop (often paired with an optocoupler) to regulate output voltage.
* **Current Limiter:** Configured to monitor current across a sense resistor.
* **Voltage Monitoring:** Acting as a comparator to trigger an event when a specific voltage threshold is reached.
- ⤷What is the difference between TL431 and TL432 pinouts?
- ⤷ How do I calculate the compensation network for TL431 in an SMPS?
- ⤷ What are the advantages of using a TL431 over a standard Zener diode?