TL432C-AF5-R
AI

## Analysis of TL432C-AF5-R
The **TL432C-AF5-R** is a precision programmable shunt regulator diode. It is widely used in power management circuits as a cost-effective voltage reference. It is functionally identical to the industry-standard **TL431**, but often features a different pinout or lower reference voltage depending on the specific manufacturer (UTC in this case).
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Reference Voltage ($V_{ref}$)** | 2.495V (Typical) |
| **Output Voltage Range** | $V_{ref}$ to 18V |
| **Cathode Current ($I_k$) Range** | 1.0mA to 100mA |
| **Reference Input Current** | 2 $\mu$A (Typical) |
| **Operating Temperature** | 0°C to +70°C |
| **Package Type** | SOT-25 / SOT-23-5 (AF5) |
| **Tolerance** | Grade C (Usually ±0.5% or ±1%) |
---
### 2. Functional Description
The TL432 operates like a Zener diode, but with a significant advantage: its breakdown voltage is programmable via two external resistors.
* **Pin Configuration (SOT-25):**
* **Cathode (K):** The positive terminal.
* **Anode (A):** The negative terminal (usually ground).
* **Reference (Ref):** The input pin used to set the voltage.
* **Voltage Calculation:** The output voltage ($V_{out}$) is determined by the formula:
$$V_{out} = V_{ref} \times (1 + \frac{R1}{R2})$$
*(Where R1 is connected between Cathode and Ref, and R2 between Ref and Anode).*
---
### 3. Application Use Cases
1. **Switch Mode Power Supplies (SMPS):** Used in the feedback loop (often paired with an optocoupler) to provide regulated output voltage.
2. **Voltage Monitoring:** Acts as a comparator for over-voltage or under-voltage detection.
3. **Constant Current Source:** Can be configured to maintain a steady current through a load.
4. **Zener Diode Replacement:** Offers much sharper turn-on characteristics and lower temperature drift than standard Zeners.
---
### 4. Comparison: TL431 vs. TL432
While they perform the same function, the primary difference usually lies in the **pinout layout**.
* **TL431:** Standard pinout.
* **TL432:** Often features a mirrored or rearranged pinout to simplify PCB routing in specific layouts.
* *Note:* Always verify the datasheet of the specific manufacturer (Unisonic Technologies - UTC) to confirm the AF5 (SOT-25) pin mapping.
---
- ⤷
What is the difference between the 'C' and 'A' grade versions of this chip?
- ⤷ How do I calculate the resistor values for a 5V output using this part?
- ⤷ Can the TL432 be used as a low-side current sensor?