The question interval is too short. Please try again in a few seconds.
TL432CL-AE3-R
AI
The **TL432CL-AE3-R** is a low-voltage three-terminal adjustable shunt regulator. It is functionally similar to the industry-standard TL431 but with a lower reference voltage and a specific pinout/packaging configuration.
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Value |
| :--- | :--- |
| **Reference Voltage ($V_{ref}$)** | 1.24 V |
| **Output Voltage Range** | $V_{ref}$ to 18 V |
| **Cathode Current Range** | 80 µA to 100 mA |
| **Dynamic Impedance** | 0.2 $\Omega$ (Typical) |
| **Operating Temperature** | 0°C to +70°C |
| **Package Type** | SOT-23 |
---
### 2. Part Number Breakdown
Understanding the suffix codes helps in identifying the specific variant:
* **TL432**: The base part number (1.24V reference variant).
* **C**: Commercial temperature grade (0°C to 70°C).
* **L**: Lead-free / RoHS compliant.
* **AE3**: Package code for **SOT-23**.
* **R**: Tape and Reel packaging.
---
### 3. Pin Configuration
The SOT-23 package typically follows this pin assignment for the TL432 series:
1. **Reference (REF):** Used to set the output voltage via a resistor divider.
2. **Cathode (K):** The "output" of the shunt regulator.
3. **Anode (A):** The common/ground terminal.
---
### 4. Typical Application Circuit
The TL432 acts like a Zener diode with a programmable breakdown voltage. The output voltage ($V_{out}$) is calculated using the following formula:
$$V_{out} = V_{ref} \times \left(1 + \frac{R1}{R2}\right)$$
```text
(Input Voltage)
|
[Resistor]
|
+----------- (V_out)
| |
[Cathode] [R1]
| |
TL432 [Ref] <-------+
| |
[Anode] [R2]
| |
(GND) (GND)
```
### 5. Common Use Cases
* **Shunt Regulator:** Replacing standard Zener diodes for higher precision.
* **Switching Power Supplies (SMPS):** Providing feedback via an optocoupler for isolated secondary side regulation.
* **Voltage Monitoring:** Acting as a comparator with a built-in precision reference.
* **Constant Current Source:** Maintaining a steady current across a load.
---
✨ Follow-up Questions
⤷
How does the TL432 differ from the TL431 in terms of reference voltage?
⤷ What is the minimum cathode current required for stable regulation?
⤷ Can you provide a specific example of R1 and R2 values for a 3.3V output?