Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TL432CL-S08-R

  • AI
    ### Technical Overview of TL432CL-S08-R The **TL432CL-S08-R** is a three-terminal adjustable shunt regulator with specified thermal stability. It functions similarly to a Zener diode but offers a much sharper turn-on characteristic and a programmable output voltage via an external resistor divider. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Reference Voltage ($V_{ref}$)** | 2.495 V (Typical) | | **Output Voltage Range** | $V_{ref}$ to 36 V | | **Sink Current Capability** | 1.0 mA to 100 mA | | **Reference Voltage Tolerance** | ±1% (Standard for CL grade) | | **Package Type** | SOP-8 (Small Outline Package) | | **Operating Temperature** | 0°C to 70°C (Commercial Grade) | | **Dynamic Impedance** | 0.2 $\Omega$ (Typical) | --- ### 2. Functional Characteristics * **Adjustable Output:** By using two external resistors, the output voltage can be set to any value between 2.5V and 36V. The formula used is: $V_{out} = V_{ref} \times (1 + \frac{R1}{R2})$ * **High Stability:** It features a low temperature coefficient, ensuring the reference voltage remains stable despite changes in environment. * **Fast Turn-on:** It has a very sharp transition from "off" to "on," making it superior to standard Zener diodes in precision circuits. * **SOP-8 Pinout:** While a three-terminal device, the SOP-8 package often uses multiple pins for heat dissipation or internal connection redundancy. --- ### 3. Internal Block Diagram Logic The device consists of: 1. **Precision Voltage Reference:** Internal 2.495V bandgap reference. 2. **Error Amplifier:** Compares the $V_{ref}$ pin to the internal reference. 3. **Output Transistor:** An NPN-like transistor that sinks current from Cathode to Anode when the $V_{ref}$ pin exceeds the internal threshold. --- ### 4. Common Applications * **Switch Mode Power Supplies (SMPS):** Used in the feedback loop (often with an optocoupler) to regulate the output voltage. * **Voltage Monitoring:** Acting as a precision comparator for over-voltage or under-voltage detection. * **Constant Current Sources:** By placing a resistor in the cathode path, it can be configured to maintain a fixed current. * **Zener Diode Replacement:** Used where a specific, non-standard Zener voltage is required with higher precision. --- ### 5. Part Number Breakdown * **TL432:** The core device series (Low-current version of the TL431). * **C:** Commercial temperature range (0°C to 70°C). * **L:** 1% Accuracy/Tolerance. * **S08:** SOP-8 Package. * **R:** Tape & Reel packaging.
    ✨ Follow-up Questions
    • ⤷What is the primary difference between the TL431 and TL432?
    • ⤷ How do you calculate the resistor values for a 5V output using this part?
    • ⤷ What are the stability considerations when using a bypass capacitor with the TL432?