AI

The **TL494G-S16-R** is a highly versatile pulse-width-modulation (PWM) control circuit designed primarily for switch-mode power supply (SMPS) control. Below is a detailed breakdown of its electronic components, specifications, and architecture.
---
## 1. Component Overview
The TL494 series is an industry-standard controller that incorporates all the functions required in the construction of a PWM control circuit on a single chip.
| Feature | Specification |
| :--- | :--- |
| **Package Type** | SOP-16 (Small Outline Package, 16 pins) |
| **Output Type** | Push-Pull or Single-Ended (Configurable) |
| **Supply Voltage ($V_{CC}$)** | 7V to 40V |
| **Output Current** | 200 mA (max per output) |
| **Oscillator Frequency** | Up to 300 kHz |
| **Error Amplifiers** | 2 integrated operational amplifiers |
---
## 2. Internal Electronic Blocks
The "G" in the part number often signifies a halogen-free/green material composition, while the internal architecture remains consistent with the TL494 standard.
### A. The Oscillator
The frequency of operation is determined by an external resistor ($R_T$) and capacitor ($C_T$).
* **Formula:** $f = \frac{1.1}{R_T \times C_T}$
* It generates a sawtooth waveform that is compared against control signals to produce the PWM output.
### B. Error Amplifiers
The chip contains two high-gain error amplifiers. They are typically used for:
1. **Voltage Regulation:** Monitoring the output voltage.
2. **Current Limiting:** Protecting the circuit from over-current conditions.
### C. Dead-Time Control (DTC)
Pin 4 provides a "dead-time" adjustment. This ensures a minimum period where both output transistors are OFF, preventing "shoot-through" (short circuits) in half-bridge or full-bridge topologies.
### D. Output Control Logic
The **Output Control Pin (Pin 13)** determines the output mode:
* **Grounded:** Both output transistors oscillate in parallel (Single-ended).
* **Connected to Vref:** The transistors alternate (Push-pull).
---
## 3. Pin Configuration (SOP-16)
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1, 2 | 1IN+, 1IN- | Non-inverting/Inverting inputs for Error Amp 1 |
| 3 | Feedback | Input for compensation/feedback loop |
| 4 | DTC | Dead-time control input |
| 5, 6 | CT, RT | External capacitor and resistor for frequency |
| 7 | GND | Ground |
| 8, 9 | C1, E1 | Collector and Emitter of Output Transistor 1 |
| 10, 11 | E2, C2 | Emitter and Collector of Output Transistor 2 |
| 12 | VCC | Supply Voltage |
| 13 | Output Ctrl | Mode select (Push-pull vs. Single-ended) |
| 14 | REF | 5.0V Reference voltage output |
| 15, 16 | 2IN-, 2IN+ | Inverting/Non-inverting inputs for Error Amp 2 |
---
## 4. Typical Application Circuit
The TL494 is most commonly found in ATX PC power supplies and DC-DC converters.
```c
// Simplified Logic Flow
1. VCC powers the internal 5V Reference.
2. CT/RT sets the sawtooth frequency.
3. Error Amps compare output voltage to the 5V Ref.
4. PWM Comparator matches Error Amp signal vs Sawtooth.
5. Transistors (C1/E1, C2/E2) switch the external MOSFETs.
```
---
- ⤷
How do you calculate the exact RT and CT values for a 100kHz frequency?
- ⤷ What is the difference between the TL494 and the SG3525?
- ⤷ Can the TL494 be used for variable speed DC motor control?