Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TL5001-S08-R

  • AI
    The **TL5001-S08-R** is a high-performance Pulse Width Modulation (PWM) controller primarily designed for DC-to-DC conversion. It is widely used in power supply circuits, particularly for driving MOSFETs in step-down (buck) configurations. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the TL5001-S08-R: | Parameter | Specification | | :--- | :--- | | **Supply Voltage (Vcc)** | 3.6V to 40V | | **Output Current** | Max 20mA | | **Oscillator Frequency** | 20 kHz to 500 kHz | | **Package Type** | SOP-8 (Surface Mount) | | **Duty Cycle Range** | 0% to 100% | | **Reference Voltage** | 1.0V (Typical) | --- ### 2. Core Functional Blocks The internal circuitry consists of several critical electronic components integrated into the chip: * **Error Amplifier:** Compares the feedback voltage from the output with the internal 1.0V reference to regulate the output. * **Oscillator:** Generates a sawtooth waveform. The frequency is determined by an external resistor connected to the `RT` pin. * **PWM Comparator:** Compares the error amplifier output with the sawtooth wave to determine the duty cycle. * **Short-Circuit Protection (SCP):** Monitors the output and shuts down the gate drive if a fault is detected, protecting the external MOSFETs. * **Soft Start:** Gradually increases the duty cycle upon startup to prevent current surges. --- ### 3. Pin Configuration (SOP-8) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **RT** | Resistor pin to set the oscillation frequency. | | 2 | **COMP** | Output of the error amplifier; used for loop compensation. | | 3 | **FB** | Feedback input for voltage regulation. | | 4 | **GND** | Ground. | | 5 | **OUT** | PWM output to drive an external transistor/MOSFET. | | 6 | **VCC** | Power supply input. | | 7 | **SCP** | Timer pin for short-circuit protection capacitor. | | 8 | **DTC** | Dead-time control to limit maximum duty cycle. | --- ### 4. Typical Application Circuit The TL5001 is most commonly used in a buck converter setup. Below is a conceptual representation of how it interfaces with other electronic parts: ```mermaid graph LR Input_Voltage --> VCC FB_Pin -- Feedback Resistor --> Output_Voltage OUT_Pin --> MOSFET_Gate MOSFET_Gate --> Inductor Inductor --> Output_Voltage ``` ### 5. Part Number Suffix Meaning * **TL5001:** The base functional model. * **S08:** Indicates the **SOP-8** (Small Outline Package) with 8 pins. * **R:** Usually denotes **Tape & Reel** packaging for automated assembly. ---
    ✨ Follow-up Questions
    • ⤷How do you calculate the RT resistor value for a specific frequency?
    • ⤷ What is the role of the SCP pin capacitor in circuit protection?
    • ⤷ Can the TL5001 be used for boost converter applications?