TLE2142CPWR
AI

## TLE2142CPWR Technical Overview
The **TLE2142CPWR** is a high-performance, low-noise operational amplifier (Op-Amp) manufactured by Texas Instruments. It belongs to the **Excalibur** family, which utilizes a specialized process technology (isolated vertical PNP transistors) to achieve high speed without sacrificing power efficiency.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical characteristics of the TLE2142CPWR:
| Feature | Specification |
| :--- | :--- |
| **Number of Channels** | 2 (Dual Op-Amp) |
| **Supply Voltage (Single)** | 4V to 44V |
| **Supply Voltage (Dual)** | ±2V to ±22V |
| **Gain Bandwidth Product** | 5.9 MHz |
| **Slew Rate** | 45 V/µs |
| **Input Offset Voltage** | 900 µV (Max) |
| **Output Current** | 50 mA |
| **Package Type** | TSSOP-8 (Thin Shrink Small Outline Package) |
| **Operating Temperature** | 0°C to 70°C |
---
### 2. Physical and Package Details
The "CPWR" suffix provides specific information about the physical implementation:
* **C**: Commercial temperature range (0°C to 70°C).
* **P**: Indicates the device is a Plastic package.
* **WR**: Refers to the Tape & Reel packaging for the **TSSOP-8** surface-mount form factor.
#### Pin Configuration (TSSOP-8)
1. **1OUT**: Output of Channel 1
2. **1IN-**: Inverting Input of Channel 1
3. **1IN+**: Non-inverting Input of Channel 1
4. **VCC-**: Negative Supply / Ground
5. **2IN+**: Non-inverting Input of Channel 2
6. **2IN-**: Inverting Input of Channel 2
7. **2OUT**: Output of Channel 2
8. **VCC+**: Positive Supply
---
### 3. Core Advantages and Use Cases
#### Advantages
* **High Slew Rate:** At 45 V/µs, it can respond very quickly to input signal changes, making it ideal for high-speed signal processing.
* **Wide Voltage Range:** It can handle up to ±22V, which is higher than many standard precision Op-Amps (usually capped at ±15V or ±18V).
* **Low Noise:** Designed for high-fidelity audio and precision instrumentation.
#### Common Applications
* **Active Filters:** High-order low-pass or high-pass filters.
* **Data Acquisition:** Buffering signals for high-speed Analog-to-Digital Converters (ADCs).
* **Audio Preamplifiers:** Professional audio mixing and processing.
* **Industrial Controls:** Signal conditioning for sensors in high-voltage environments.
---
- ⤷
What are the main differences between the TLE2142 and the standard NE5532?
- ⤷ Can the TLE2142CPWR be used in automotive applications?
- ⤷ What is the importance of the 'Excalibur' process technology mentioned?