TLE2425CD
AI

### TLE2425CD: Precision Virtual Ground (Rail Splitter)
The **TLE2425CD** is a specialized integrated circuit designed to provide a stable "virtual ground" reference, typically at exactly half the input voltage. It belongs to Texas Instruments' "Excalibur" family of high-speed, precision operational amplifiers and voltage references.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 4.0V to 40.0V |
| **Output Voltage** | 2.5V (Nominal at 5V Input) |
| **Output Tolerance** | ±0.8% (at 25°C) |
| **Max Output Current** | +20mA (Source) / -20mA (Sink) |
| **Quiescent Current** | 170 µA (Typical) |
| **Package Type** | SOIC-8 (Surface Mount) |
| **Operating Temp** | 0°C to 70°C (C-suffix) |
---
### 2. Functional Architecture
The TLE2425CD operates differently than a standard voltage regulator. While a regulator only "pushes" current (sourcing), this device can both **source and sink** current.
* **Precision Divider:** Internally, it uses a high-precision resistor divider to split the input voltage.
* **Buffer Amplifier:** A low-impedance operational amplifier buffers the divider output to ensure the midpoint remains stable even when the load changes.
* **Noise Reduction:** It features an internal compensation network to maintain stability with capacitive loads.
---
### 3. Common Pin Configuration (SOIC-8)
```text
+---U---+
OUT 1 | | 8 NC
IN 2 | | 7 NC
NC 3 | | 6 NC
GND 4 | | 5 NC
+-------+
```
*(Note: NC = No Internal Connection)*
---
### 4. Applications and Use Cases
The primary goal of the TLE2425CD is to simplify the transition from single-supply batteries to dual-supply analog circuits.
1. **Single-to-Dual Supply Conversion:** Converting a 9V battery into a ±4.5V supply for Op-Amps.
2. **Data Acquisition:** Providing a precise 2.5V reference for Analog-to-Digital Converters (ADCs) in 5V systems.
3. **Signal Conditioning:** Offsetting AC signals to a DC midpoint so they can be processed by single-supply microcontrollers.
4. **Instrumentation:** Creating a stable reference point for bridge sensors.
---
### 5. Advantages Over Passive Dividers
Using two resistors to create a virtual ground is common, but the TLE2425CD offers significant improvements:
* **Low Impedance:** Unlike resistors, its output voltage doesn't sag significantly when a load is applied.
* **Efficiency:** It consumes very little power (170µA) compared to low-value resistors.
* **Part Count:** Replaces two precision resistors and a buffer Op-Amp with a single chip.
---
- ⤷
How does the TLE2425CD compare to using a standard Op-Amp buffer for virtual ground?
- ⤷ What is the maximum capacitive load the TLE2425CD can handle without oscillating?
- ⤷ Can the TLE2425CD be used with a 12V supply to create a 6V reference?