TLM2HDR10JTD
AI

The **TLM2HDR10JTD** is a high-precision, low-resistance metal plate chip resistor manufactured by **KOA Speer Electronics**. This specific part is designed for current sensing applications in power management circuits.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its core specifications:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | TLM | Metal plate type, low resistance |
| **Size** | 2H | 2012 Metric (0805 Imperial) |
| **Terminal** | D | Indium-plated (Standard for this series) |
| **Resistance** | R10 | 0.10 $\Omega$ (100 m$\Omega$) |
| **Tolerance** | J | ±5% |
| **Packaging** | TD | 7" 4mm pitch punched paper tape |
---
### 2. Key Technical Specifications
The electrical characteristics of the TLM2HDR10JTD are optimized for stability and thermal management.
* **Resistance Value:** 100 m$\Omega$ (0.1 $\Omega$).
* **Power Rating:** 0.25 Watts (1/4 W) at 70°C.
* **Tolerance:** ±5% (J-grade).
* **Temperature Coefficient (TCR):** Typically ±100 ppm/°C to ±250 ppm/°C (varies by specific sub-batch, check datasheet for exact range).
* **Operating Temperature:** -55°C to +155°C.
* **Construction:** Metal plate element which provides superior heat dissipation compared to thick film resistors.
---
### 3. Application Use Cases
Because this is a low-ohmic metal plate resistor, it is primarily used for **Current Sensing**:
1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in portable electronics.
2. **DC-DC Converters:** Measuring output current to ensure voltage regulation and overcurrent protection.
3. **Motor Control:** Detecting stall conditions or controlling torque via current feedback.
4. **CPU/GPU Power Rails:** Sensing high-speed current fluctuations in computing hardware.
---
### 4. Advantages of Metal Plate Construction
Compared to standard thick-film resistors, the TLM series offers several benefits:
* **Low Noise:** Metal plate elements produce significantly less thermal noise.
* **High Surge Capability:** The solid metal construction can handle brief current spikes better than film-based resistors.
* **Thermal Stability:** They maintain their resistance value more accurately as the component heats up.
---
- ⤷What is the difference between this metal plate resistor and a standard thick film resistor?
- ⤷ How do I calculate the voltage drop across this resistor at a specific current?
- ⤷ Are there higher precision versions (1% or 0.5%) available for the TLM series?