TLP280_07
AI

The **TLP280** (specifically in the TLP280-4 or similar series) is a high-density photocoupler manufactured by Toshiba. It is widely used for signal isolation and noise suppression in electronic circuits.
---
## 1. Core Specifications
The TLP280 is an AC input type optoisolator. Unlike standard DC optocouplers, it features two GaAs (Gallium Arsenide) infrared LEDs connected in inverse parallel at the input stage.
| Parameter | Typical Value |
| :--- | :--- |
| **Input Type** | AC / Bidirectional DC |
| **Output Type** | Transistor |
| **Isolation Voltage** | 2500 Vrms (min) |
| **Collector-Emitter Voltage ($V_{CEO}$)** | 80 V (max) |
| **Current Transfer Ratio (CTR)** | 50% to 400% ($I_F = 5mA$) |
| **Package Style** | SO4 (Single) or SOP16 (Quad) |
---
## 2. Key Internal Components
The "electronic parts" within this component consist of two primary sections separated by an internal insulation barrier:
### A. Input Side (Emitter)
* **Dual LED Configuration:** It contains two infrared emitting diodes connected back-to-back.
* **Function:** This allows the device to accept AC input signals or DC signals of either polarity without needing a bridge rectifier.
### B. Output Side (Detector)
* **Phototransistor:** An NPN silicon phototransistor.
* **Function:** When the LEDs emit light, the base of the phototransistor is energized, allowing current to flow from the Collector to the Emitter.
---
## 3. Circuit Application Example
To use the TLP280, you typically need a current-limiting resistor on the input side to protect the LEDs.
```cpp
// Basic Schematic Logic
[Input AC/DC] -- [Resistor R1] --+-- [Pin 1: Anode/Cathode]
|
+-- [Pin 2: Cathode/Anode] -- [GND/Return]
[VCC] -- [Resistor R2] -- [Pin 4: Collector]
[Pin 3: Emitter] -- [Signal Output/GND]
```
---
## 4. Common Uses
1. **Programmable Logic Controllers (PLCs):** Used for digital input modules where field signals might be AC.
2. **AC Line Monitoring:** Detecting the presence of AC voltage without a direct electrical connection to the MCU.
3. **Telecommunications:** Ring detection in telephone lines.
4. **Ground Loop Elimination:** Breaking the electrical path between two circuits to prevent noise.
- ⤷
What is the difference between TLP280 and TLP281?
- ⤷ How do I calculate the input resistor for a 24V AC signal?
- ⤷ Can the TLP280 be used for high-speed data transmission?