Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TLP818

  • AI
    The **TLP818** is a high-performance **Photocoupler (Optocoupler)** manufactured by Toshiba. It consists of a Gallium Arsenide (GaAs) infrared emitting diode coupled with a Silicon NPN Darlington phototransistor in a single package. ### 1. Key Technical Specifications The TLP818 is characterized by its high Current Transfer Ratio (CTR) and high-voltage capabilities. | Parameter | Specification | | :--- | :--- | | **Collector-Emitter Voltage ($V_{CEO}$)** | 300 V (Min) | | **Current Transfer Ratio (CTR)** | 1000% (Min) at $I_F = 1mA$ | | **Isolation Voltage ($BV_S$)** | 5000 Vrms (Min) | | **Collector Current ($I_C$)** | 150 mA | | **Package Type** | DIP-4 or SMD-4 | --- ### 2. Main Components and Working Principle The TLP818 functions as an electrical isolator using light as the medium for signal transfer: 1. **Input Side (Emitter):** An infrared LED. When current flows through the LED, it emits light proportional to the input signal. 2. **Output Side (Detector):** A **Darlington Transistor**. Unlike a standard phototransistor, a Darlington pair consists of two transistors where the first amplifies the current for the second. This allows the TLP818 to achieve a very high gain (CTR). 3. **Isolation:** The physical gap between the LED and the transistor ensures that high-voltage spikes on the output side do not damage the low-voltage control circuitry on the input side. --- ### 3. Common Applications Due to its high voltage rating and high gain, the TLP818 is typically used in: * **Programmable Logic Controllers (PLCs):** For interfacing I/O modules. * **Telephone Sets:** Handling high line voltages. * **Power Supplies:** Feedback loops where high isolation is required. * **Solid State Relays:** Driving loads with minimal input current. --- ### 4. Pin Configuration (DIP-4) | Pin No. | Name | Description | | :---: | :--- | :--- | | 1 | Anode | Input LED Positive | | 2 | Cathode | Input LED Negative | | 3 | Emitter | Darlington Transistor Emitter | | 4 | Collector | Darlington Transistor Collector | ---
    ✨ Follow-up Questions
    • What is the difference between a standard phototransistor and a Darlington phototransistor like the TLP818?
    • How does the 300V Collector-Emitter voltage rating impact its use in AC circuits?
    • What are the typical power dissipation limits for the TLP818?