TLS050
AI

The **TLS050** is a specific series of components primarily associated with high-precision voltage regulation and protection. Depending on the manufacturer (most commonly **Infineon**), it usually refers to the **TLS050x0** family of Low Dropout (LDO) linear voltage regulators designed for automotive applications.
Below is an overview of the electronic specifications and features typical of this series.
---
## 1. Core Specifications
The TLS050 series is engineered for high stability and low noise in harsh environments.
| Feature | Typical Value / Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.7 V to 42 V |
| **Output Voltage** | Typically 5.0 V (Fixed) or Adjustable |
| **Output Current** | 50 mA |
| **Quiescent Current** | ~5 µA (Very Low Power) |
| **Dropout Voltage** | ~250 mV @ 50 mA |
| **Operating Temperature** | -40°C to +150°C |
---
## 2. Key Electronic Features
### A. Low Quiescent Current ($I_q$)
One of the primary selling points of the TLS050 series is its extremely low current consumption when the load is minimal. This makes it ideal for modules that are permanently connected to a battery (e.g., automotive ECUs) to prevent battery drain.
### B. Protection Circuitry
The internal architecture includes several layers of protection to ensure longevity:
* **Current Limiting:** Protects the device against output short circuits.
* **Over-temperature Shutdown:** Automatically powers down if the junction temperature exceeds safety limits.
* **Reverse Polarity Protection:** Prevents damage if the battery leads are connected incorrectly.
### C. Enable Function (Specific Models)
Some variants (like the TLS050B0) include an **EN (Enable)** pin. This allows the microcontroller to shut down the regulator entirely, reducing current consumption to near-zero levels.
---
## 3. Typical Pin Configuration
For a standard **SCT595** or **TSON-10** package, the pinout generally follows this structure:
| Pin Name | Function |
| :--- | :--- |
| **I (Input)** | The unregulated input supply voltage. |
| **Q (Output)** | The regulated output voltage (usually 5V). |
| **GND** | Ground reference. |
| **EN (Optional)** | Enable pin (High = On, Low = Off). |
| **ADJ (Optional)** | Adjustment pin for variable versions. |
---
## 4. Application Circuit Example
To function correctly, the TLS050 requires external capacitors for stability.
```text
Input (Vin) ----[ C_in ]----| TLS050 |----[ C_out ]---- Output (5V)
| | |
GND GND GND
```
* **$C_{in}$:** Typically 100nF to filter high-frequency noise.
* **$C_{out}$:** Typically >1µF ceramic capacitor with low ESR to ensure control loop stability.
---
## 5. Typical Applications
* Automotive body control modules.
* Sensor power supplies.
* Infotainment and Dashboard systems.
* Battery-powered industrial equipment.
- ⤷
What are the main differences between the TLS050 and the TLS850 series?
- ⤷ How does the Enable pin behavior affect the power-saving modes?
- ⤷ What is the recommended ESR range for the output capacitor to prevent oscillation?