Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TLV6001UIDBVT

  • AI
    ## Overview of the TLV6001UIDBVT The **TLV6001UIDBVT** is a single-channel, low-power, rail-to-rail input/output (RRIO) operational amplifier manufactured by **Texas Instruments**. It is specifically designed for general-purpose applications where power consumption and space are critical constraints. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the TLV6001UIDBVT: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 1 | | **Supply Voltage Range** | 1.8V to 5.5V | | **Quiescent Current** | 75 µA (Typical) | | **Gain Bandwidth Product (GBW)** | 1 MHz | | **Slew Rate** | 0.5 V/µs | | **Input Offset Voltage** | 750 µV (Typical) | | **Input Bias Current** | 1 pA (Typical) | | **Package / Case** | SOT-23-5 | --- ### 2. Core Features * **Rail-to-Rail I/O:** The device can handle input and output signals that swing very close to the supply rails, maximizing dynamic range in low-voltage systems. * **Low Power Consumption:** With a typical quiescent current of only 75 µA, it is ideal for battery-operated devices. * **EMI Hardened:** It features an internal RFI (Radio Frequency Interference) and EMI filter to minimize sensitivity to high-frequency noise. * **Unity-Gain Stable:** The amplifier can be used in a buffer configuration (gain = 1) without oscillation issues. --- ### 3. Pin Configuration (SOT-23-5) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | OUT | Output of the amplifier | | 2 | V- | Negative supply or Ground | | 3 | V+ | Positive supply | | 4 | –IN | Inverting Input | | 5 | +IN | Non-inverting Input | --- ### 4. Common Applications The TLV6001 is versatile and frequently used in: * **Sensor Signal Conditioning:** Amplifying signals from PIR sensors, smoke detectors, and thermistors. * **Active Filters:** Designing low-pass, high-pass, or band-pass filters for audio or sensor data. * **Buffers:** Acting as a high-impedance interface between a sensor and an Analog-to-Digital Converter (ADC). * **Battery-Powered Wearables:** Due to its low voltage requirements (1.8V). --- ### 5. Part Number Breakdown: TLV6001UIDBVT * **TLV6001:** Device family name. * **U:** Refers to a specific internal variant or feature set (often related to offset or pinout). * **I:** Industrial temperature grade (-40°C to +125°C). * **DBV:** Package designator for SOT-23. * **T:** Indicates "Small Reel" (Tape and Reel) packaging.
    ✨ Follow-up Questions
    • ⤷How does the TLV6001 compare to the TLV9001 in terms of performance?
    • ⤷ What are the advantages of an EMI-hardened op-amp in sensor circuits?
    • ⤷ Can the TLV6001 be used in a split-supply (+/-) configuration?