TLV9001UIDBVR
AI

The **TLV9001UIDBVR** is a low-voltage, rail-to-rail input and output (RRIO) operational amplifier (op-amp) manufactured by Texas Instruments. It is designed specifically for cost-constrained applications that require a balance between performance and power consumption.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Supply Voltage ($V_S$)** | 1.8V to 5.5V |
| **Quiescent Current ($I_Q$)** | 60 µA (Typical) |
| **Gain Bandwidth Product (GBW)** | 1 MHz |
| **Slew Rate** | 0.8 V/µs |
| **Input Offset Voltage ($V_{OS}$)** | 0.4 mV (Typical) |
| **Package Type** | SOT-23 (6-pin) |
| **Operating Temperature** | -40°C to 125°C |
---
### 2. Core Functional Features
* **Rail-to-Rail Input/Output:** This allows the signal to swing very close to the supply rails, maximizing dynamic range in low-voltage systems (like 1.8V or 3.3V logic).
* **Integrated RFI/EMI Filter:** It includes internal filtering to reduce sensitivity to electromagnetic interference from sources like mobile phones or switching power supplies.
* **Unity-Gain Stable:** The device can be used in a buffer configuration (gain = 1) without oscillating.
* **Low Power Consumption:** With only 60 µA of current draw, it is ideal for battery-operated devices.
---
### 3. Pin Configuration (SOT-23-6)
Since this specific part number ends in **DBVR**, it uses the SOT-23 package. While the standard TLV9001 comes in 5-pin versions, the 6-pin version often includes a "Shutdown" (SHDN) pin.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **OUT** | Output of the amplifier |
| 2 | **V-** | Negative supply (or Ground) |
| 3 | **IN+** | Non-inverting input |
| 4 | **IN-** | Inverting input |
| 5 | **SHDN** | Shutdown pin (Active low) |
| 6 | **V+** | Positive supply |
---
### 4. Typical Applications
The TLV9001 is commonly found in:
1. **Sensor Signal Conditioning:** Amplifying small signals from temperature or pressure sensors.
2. **Portable Electronics:** Wearables and handheld medical devices.
3. **Active Filtering:** Implementing low-pass or high-pass filters in audio or data acquisition circuits.
4. **Buffer/Driver:** Acting as a high-impedance interface for Analog-to-Digital Converters (ADCs).
- ⤷
What is the difference between the TLV9001 and the TLV9061 series?
- ⤷ How does the Shutdown pin affect current consumption in this specific model?
- ⤷ Can this op-amp drive capacitive loads without external compensation?