Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TLV9041UIDBVR.A

  • AI
    The **TLV9041UIDBVR** is a high-performance, ultra-low-power operational amplifier (op-amp) manufactured by Texas Instruments. It is designed specifically for power-sensitive applications in portable electronics and industrial monitoring. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the TLV9041 series: | Parameter | Specification | | :--- | :--- | | **Supply Voltage ($V_S$)** | 1.2V to 5.5V | | **Quiescent Current ($I_Q$)** | 10 µA (Typical) | | **Gain Bandwidth Product (GBW)** | 350 kHz | | **Offset Voltage ($V_{OS}$)** | 1.5 mV (Maximum) | | **Input Bias Current ($I_B$)** | 1 pA (Typical) | | **Slew Rate** | 0.2 V/µs | | **Output Type** | Rail-to-Rail Input/Output (RRIO) | --- ### 2. Physical & Package Details The "UIDBVR" suffix provides specific information about the packaging and pin configuration: - **Package Type:** SOT-23-5 (Small Outline Transistor). - **Pin Count:** 5 Pins. - **Mounting Type:** Surface Mount (SMD). - **Environmental:** Lead-free and RoHS compliant. --- ### 3. Core Features & Advantages The TLV9041 is distinguished by several engineering features that make it ideal for modern low-voltage circuits: * **Low Voltage Operation:** Capable of running on a single 1.2V cell, making it compatible with the latest low-voltage microcontroller rails. * **Rail-to-Rail Input/Output:** This allows the signal to swing across the full range of the power supply, maximizing dynamic range. * **Integrated RFI/EMI Filter:** It includes internal filtering to reduce sensitivity to electromagnetic interference from wireless devices (Bluetooth, Wi-Fi). * **Unity-Gain Stable:** The amplifier remains stable even when configured for a gain of 1. --- ### 4. Typical Applications The TLV9041 is commonly found in the following systems: 1. **Wearable Devices:** Fitness trackers and smartwatches where battery life is critical. 2. **Sensor Signal Conditioning:** Buffering outputs from PIR sensors or thermistors. 3. **Active Filters:** Low-frequency audio or signal processing in portable gear. 4. **Current Sensing:** Low-side current sensing in battery management systems. --- ### 5. Pinout Configuration (SOT-23-5) ```text _______ OUT |1 5| V+ V- |2 | IN+ |3 4| IN- ------- ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the TLV9041 and the TLV9001?
    • ⤷ How does the 1.2V minimum supply voltage benefit battery-powered designs?
    • ⤷ Can this op-amp be used for high-speed signal processing?