TMHC1004S-R15MN-D
AI

### Analysis of TMHC1004S-R15MN-D
The **TMHC1004S-R15MN-D** is a high-performance **Surface Mount (SMD) Power Inductor**, typically manufactured by companies like **Tai-Tech**. These components are specifically designed for high-current applications where space is limited and efficiency is critical.
---
### Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.15 µH | The nominal inductance value. |
| **Tolerance** | ±20% (M) | The allowable variance in inductance. |
| **Case Size** | 1004 (10x10x4 mm) | Physical dimensions of the component. |
| **DC Resistance (DCR)** | ~0.50 mΩ (Typ) | Internal resistance; very low to minimize heat. |
| **Saturation Current ($I_{sat}$)** | ~50A - 70A | The current at which inductance drops by 30%. |
| **Temperature Rise Current ($I_{rms}$)** | ~30A - 45A | Current causing a 40°C temperature rise. |
| **Operating Temp** | -55°C to +125°C | Safe range for industrial/automotive use. |
---
### Key Features
1. **Molded Construction**: The inductor uses a metal powder core (usually Carbonyl Iron) molded around the coil. This provides excellent magnetic shielding and reduces acoustic noise (buzzing).
2. **High Current Handling**: Due to the very low DCR and high saturation levels, it can handle massive surges without the core "saturating" (losing its inductive properties).
3. **Low Profile**: The "1004" size indicates a 10x10mm footprint with a 4mm height, making it ideal for dense PCB layouts.
4. **Soft Saturation**: Unlike ferrite inductors that drop off sharply, these metal alloy inductors have a gradual saturation curve, providing better stability.
---
### Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **TMHC**: Series Code (High Current Power Inductor).
* **1004**: Dimensions (10.0mm x 10.0mm x 4.0mm).
* **S**: Shielded type.
* **R15**: Inductance value ($R$ acts as decimal, $0.15\mu H$).
* **M**: Tolerance ($\pm 20\%$).
* **N**: Internal manufacturing code.
* **D**: Packaging code (usually refers to Tape & Reel).
---
### Typical Applications
These inductors are commonly found in:
* **Voltage Regulator Modules (VRMs)** for CPUs and GPUs.
* **DC-DC Converters** in telecommunications.
* **High-current Power Supplies** for servers.
* **Automotive Electronics** (Infotainment and ADAS).
- ⤷
What are the equivalent alternative parts from other manufacturers like Vishay or Coilcraft?
- ⤷ How does the 'soft saturation' characteristic benefit a DC-DC buck converter design?
- ⤷ What is the recommended solder footprint for the 1004 case size?