Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TMP86FS49AIUG

  • AI
    The **TMP86FS49AIUG** is an 8-bit microcontroller belonging to the TLCS-870/C series, manufactured by Toshiba. It is specifically designed for low-power applications and versatile control systems. --- ### ## Technical Specifications Below are the primary electronic characteristics and parameters of the TMP86FS49AIUG: | Parameter | Specification | | :--- | :--- | | **CPU Core** | 8-bit TLCS-870/C Series | | **Flash Memory** | 60 KB | | **RAM** | 2 KB | | **Operating Voltage** | 1.8V to 3.6V (Low Power) | | **Max Clock Frequency** | 16 MHz (at 2.7V - 3.6V) | | **Package Type** | LQFP64-P-1010-0.50E | | **Operating Temperature** | -40°C to +85°C | --- ### ## Key Electronic Components & Peripherals The internal architecture integrates several functional blocks that eliminate the need for many external components: #### 1. Analog-to-Digital Converter (ADC) * **Channels:** 16-channel input. * **Resolution:** 10-bit. * **Function:** Converts analog sensor signals (temperature, light, pressure) into digital data for processing. #### 2. Timer/Counter System * **Multi-channel Timers:** Includes 8-bit and 16-bit timers. * **PWM Output:** Capable of generating Pulse Width Modulation signals for motor control or LED dimming. * **RTC:** Built-in Real-Time Clock functions for time-keeping applications. #### 3. Serial Communication Interfaces The chip supports multiple protocols to communicate with other ICs: * **UART:** For asynchronous serial communication (RS232/RS485 levels). * **I2C / SIO:** For synchronous communication with EEPROMs or other sensors. #### 4. Power Management * **Stop/Slow Modes:** Features multiple power-saving modes to extend battery life. * **Watchdog Timer (WDT):** An internal electronic safety mechanism that resets the system if the software hangs. --- ### ## Pin Configuration Summary As a **LQFP64** package, it features 64 pins. The pins are generally categorized as follows: * **Power Supply Pins:** VDD (Positive) and VSS (Ground). * **I/O Ports:** Programmable pins for General Purpose Input/Output (GPIO). * **Reset Pin:** For hardware initialization. * **Oscillator Pins:** For connecting an external crystal or ceramic resonator. --- ### ## Typical Applications * **Consumer Electronics:** Remote controls, small appliances. * **Industrial:** Simple sensor nodes and handheld testers. * **Automotive:** Interior lighting control and dashboard indicators.
    ✨ Follow-up Questions
    • ⤷ What are the specific programming tools required for this Toshiba microcontroller?
    • ⤷ How does the power consumption vary between the Stop and Idle modes for this IC?
    • ⤷ Can you provide the pinout diagram details for the LQFP64 package?