TMPC0312H-R56MG
AI

The **TMPC0312H-R56MG** is a high-performance, surface-mount (SMD) power inductor. It is part of the "molded" inductor family, designed for high-current power supplies where space is limited and efficiency is critical.
---
### 1. Part Number Deciphering
To understand the component, we can break down the typical naming convention for this series:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **TMPC** | Series Name | Tai-Tech Molded Power Choke |
| **0312** | Dimensions | Approx. 3.0mm x 3.0mm x 1.2mm |
| **H** | Performance Grade | High current / High saturation version |
| **R56** | Inductance Value | **0.56 µH** (R denotes the decimal point) |
| **M** | Tolerance | ±20% |
| **G** | Material/Finish | Green/Lead-free/RoHS compliant |
---
### 2. Key Technical Specifications
Based on the standard datasheet for the 0312H series, here are the estimated electrical characteristics for the **R56 (0.56µH)** model:
| Parameter | Value (Typical) |
| :--- | :--- |
| **Inductance** | 0.56 µH |
| **DC Resistance (DCR)** | ~18 - 25 mΩ |
| **Saturation Current (Isat)** | ~7.0 A - 8.5 A (Current at which L drops 30%) |
| **Heat Rating Current (Irms)** | ~5.0 A - 6.0 A (Current causing 40°C temp rise) |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Construction and Material Benefits
The "Molded" construction sets this part apart from traditional wire-wound inductors:
* **Metal Powder Core:** It uses a metal alloy powder pressed around the coil. This allows for **soft saturation**, meaning the inductance doesn't drop off instantly when current spikes.
* **Magnetic Shielding:** The molded body acts as a natural shield, drastically reducing Electromagnetic Interference (EMI) and "buzz" noise.
* **Ruggedness:** The solid construction is highly resistant to mechanical shock and vibration.
---
### 4. Common Applications
Because of its small footprint (3x3mm) and high current handling, it is found in:
1. **DC/DC Converters:** Point-of-load (POL) modules for CPUs and GPUs.
2. **Portable Electronics:** Smartphones, tablets, and wearable tech.
3. **Laptops:** Power rails for SSDs and memory.
4. **Automotive Infotainment:** Compact power supplies for displays and sensors.
---
- ⤷What is the difference between Saturation Current and Heat Rating Current in this inductor?
- ⤷ Are there pin-compatible alternatives from other brands like Vishay or Coilcraft?
- ⤷ How does the 'H' suffix impact the thermal performance compared to a standard TMPC0312?