TMPC0502HP-R10YG-D
AI

The **TMPC0502HP-R10YG-D** is a high-current, low-profile power inductor typically used in DC-DC converter applications. It belongs to the molded power choke family, known for high efficiency and magnetic shielding.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical characteristics:
| Code Segment | Description | Specific Value |
| :--- | :--- | :--- |
| **TMPC** | Series Name | Tai-Tech Molded Power Choke |
| **0502** | Dimensions | Approx. 5.4 x 5.2 mm (Footprint) |
| **HP** | Type/Material | High Power / High Saturation version |
| **R10** | Inductance Value | 0.10 $\mu$H (Microhenries) |
| **Y** | Tolerance | $\pm$ 30% |
| **G** | Plating/Process | Green (RoHS Compliant / Halogen Free) |
| **D** | Internal Code | Design or Manufacturing revision |
---
### 2. Technical Specifications
These parts are designed for high-frequency power supplies where space is limited but current demands are high.
* **Inductance:** 0.10 $\mu$H
* **DC Resistance (DCR):** Extremely low (typically < 3.0 m$\Omega$), which minimizes power loss through heat.
* **Saturation Current ($I_{sat}$):** Very high, often exceeding 20A–30A. This is the point where inductance drops by a specific percentage (usually 30%).
* **Heat Rating Current ($I_{rms}$):** The current that causes a 40°C temperature rise.
* **Operating Temperature:** Generally rated from -40°C to +125°C.
---
### 3. Key Features
* **Molded Construction:** The coil is encapsulated in a magnetic metal powder. This reduces "buzz" noise (acoustic noise) and provides excellent magnetic shielding to prevent EMI (Electromagnetic Interference).
* **Low Profile:** The "02" in the size code indicates a height of approximately 2.0 mm, making it suitable for thin devices like laptops or tablets.
* **Soft Saturation:** Unlike ferrite drum cores, these molded inductors saturate gracefully, meaning they don't lose all inductance suddenly when current spikes.
---
### 4. Common Applications
* **Voltage Regulator Modules (VRM):** For CPUs and GPUs.
* **DC/DC Converters:** Distributed power systems and point-of-load (POL) converters.
* **Portable Electronics:** Smartphones, tablets, and ultra-thin laptops.
* **Automotive:** Infotainment systems and LED lighting drivers.
- ⤷
What are the equivalent alternatives from brands like Vishay or Coilcraft?
- ⤷ How does the 'soft saturation' of this molded inductor compare to traditional ferrite cores?
- ⤷ What is the specific maximum height (thickness) of the 0502 package size?