TMPF0502A-R82MN-D
AI

The **TMPF0502A-R82MN-D** is a high-current, low-profile power inductor typically used in DC-DC converter applications. It belongs to the automotive-grade or high-reliability molded power inductor family.
---
### 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of this component:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±20% (M) |
| **DC Resistance (DCR)** | ~12.5 mΩ (Max) |
| **Saturation Current (Isat)** | ~11.5 A (Typical) |
| **Heat Rating Current (Irms)** | ~8.5 A (Typical) |
| **Case Size** | 0502 (Approx. 5.0 x 5.0 x 2.0 mm) |
| **Operating Temperature** | -55°C to +125°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific variant:
* **TMPF**: Series code (Taisol/Cyntec Metal Power Inductor family).
* **0502**: Physical dimensions (Length/Width approx. 5.4mm, Height 2.0mm).
* **A**: Internal design/material revision code.
* **R82**: Inductance value (R82 = 0.82 µH).
* **M**: Tolerance (M = ±20%).
* **N**: Packaging/Material designation.
* **D**: Suffix often indicating AEC-Q200 qualification (Automotive grade).
---
### 3. Key Features & Applications
#### Features
* **Molded Construction:** The coil is encapsulated in a metallic iron powder core, which provides excellent magnetic shielding and reduces EMI (Electromagnetic Interference).
* **Soft Saturation:** Unlike ferrite inductors, these molded types do not have a sharp drop in inductance when current exceeds the limit; they saturate gracefully.
* **High Efficiency:** Low DCR ensures minimal power loss through heat, making it ideal for battery-operated devices.
#### Common Applications
1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery.
2. **Automotive Electronics:** Infotainment systems, ADAS sensors, and ECU power supplies.
3. **Telecom & Industrial:** High-density DC-DC converters and distributed power systems.
---
### 4. Footprint and Mounting
This is an **SMD (Surface Mount Device)** component. It features a bottom-terminal design to maximize PCB contact area, which helps in thermal dissipation.
```text
Physical Outline (Top View):
_________________
| |
| (0.82) | <-- Part Marking
| R82 |
|_________________|
5.4 mm
```
---
- ⤷
What are the recommended reflow soldering profiles for this inductor?
- ⤷ How does the 'soft saturation' of this molded inductor compare to traditional ferrite cores?
- ⤷ Is this specific part AEC-Q200 qualified for automotive safety systems?