TMPF0702A-R68MN-D
AI

The **TMPF0702A-R68MN-D** is a high-performance, shielded power inductor typically manufactured by **Taiyo Yuden** (now part of the TTM/Laird family in some regions) or similar high-end magnetic component specialists. It is designed specifically for high-density power supply circuits.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's characteristics:
| Code | Component Detail | Description |
| :--- | :--- | :--- |
| **TMPF** | Series Name | Molded Power Inductor (Metal Alloy Type) |
| **0702** | Dimensions | Approx. 7.0 x 6.6 mm footprint, 2.0 mm height |
| **R68** | Inductance Value | 0.68 µH (Microhenries) |
| **M** | Tolerance | ±20% |
| **N** | Internal Code | Manufacturer-specific production/material code |
| **-D** | Packaging/Special | Usually indicates Automotive Grade (AEC-Q200) or specific reel packaging |
---
### 2. Key Technical Specifications
These values are standard for this class of molded inductor:
* **Inductance:** 0.68 µH
* **DC Resistance (DCR):** Low (typically < 10 mΩ to minimize power loss).
* **Saturation Current (Isat):** High (often > 15A), allowing it to maintain inductance under high load.
* **Operating Temperature:** Typically -40°C to +125°C or +155°C (if automotive grade).
* **Shielding:** Magnetic shielding provided by the metal alloy powder construction.
---
### 3. Core Technologies & Advantages
The TMPF series utilizes **Metal Alloy Powder** rather than traditional ferrite. This provides several benefits:
1. **Soft Saturation:** Unlike ferrite inductors that lose inductance sharply when current limits are exceeded, this part loses inductance gradually.
2. **Low Profile:** The "0702" size (2.0 mm height) is ideal for ultra-thin laptops and handheld devices.
3. **EMI Shielding:** The molded body acts as a natural shield, reducing electromagnetic interference (EMI) with neighboring components.
4. **High Efficiency:** Lower DCR ensures minimal heating during high-current operations.
---
### 4. Typical Applications
This inductor is used in DC-DC converters for:
* **Graphic Cards (GPUs):** Voltage regulator modules (VRM).
* **Laptops/Tablets:** CPU power supplies where space is limited.
* **Automotive Electronics:** Infotainment systems and ADAS sensors.
* **Servers:** High-current point-of-load (POL) converters.
- ⤷
What is the difference between metal alloy and ferrite core inductors?
- ⤷ How does saturation current affect my circuit design?
- ⤷ Can this part be used in automotive safety-critical systems?