Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TNETA1500APCM

  • AI
    The **TNETA1500APCM** is a specialized integrated circuit (IC) primarily designed by Texas Instruments. It belongs to the family of **ATM (Asynchronous Transfer Mode)** physical layer devices, specifically functioning as a **Segmentation and Reassembly (SAR)** controller. --- ### 1. Core Technical Specifications The device is engineered to handle the interface between a host processor/memory system and an ATM network. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Texas Instruments (TI) | | **Function** | ATM Segmentation and Reassembly (SAR) | | **Interface** | PCI or proprietary bus interface | | **Cell Processing** | 53-byte ATM cell processing | | **Protocol Support** | AAL0, AAL5 (ATM Adaptation Layers) | | **Package Type** | PQFP (Plastic Quad Flat Pack) | --- ### 2. Key Electronic Functions The TNETA1500APCM acts as a bridge, performing two critical electronic processes: #### A. Segmentation * **Process:** It takes large data packets (like Ethernet frames or IP packets) from the host system. * **Action:** It chops these packets into small, fixed-size **48-byte payloads**. * **Header Attachment:** It adds a 5-byte header to each payload to create a standard 53-byte ATM cell. #### B. Reassembly * **Process:** It receives a stream of 53-byte cells from the network. * **Action:** It strips the headers and reassembles the 48-byte payloads back into the original data packets. * **Error Checking:** It performs CRC (Cyclic Redundancy Check) to ensure data integrity during reassembly. --- ### 3. Circuit Block Architecture Inside the chip, several electronic modules work in tandem: * **DMA Controller:** Allows the chip to move data directly to and from the system RAM without taxing the main CPU. * **Buffer Manager:** Manages the internal FIFO (First-In, First-Out) memory to prevent data loss during high-traffic bursts. * **Line Interface Unit (LIU) Port:** Connects to the physical transceiver (the part that sends signals over fiber or copper). --- ### 4. Application Context While ATM technology has largely been superseded by Gigabit Ethernet and MPLS in modern consumer networking, the TNETA1500 series was historically used in: * Early Digital Subscriber Line (DSL) equipment. * Enterprise-grade routers and switches from the late 1990s and early 2000s. * Industrial communication backbones. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the APCM and BPCM versions?
    • ⤷ How does AAL5 error detection work in this specific IC?
    • ⤷ Is this chip still in production or is it considered EOL (End of Life)?