Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TNETA1575

  • AI
    The **TNETA1575** is a specialized Integrated Circuit (IC) developed by Texas Instruments, primarily designed for use in telecommunications and networking infrastructure. Specifically, it functions as a **segmentation and reassembly (SAR) controller** for Asynchronous Transfer Mode (ATM) networks. --- ## 1. Core Technical Specifications The TNETA1575 is engineered to handle the conversion between high-level data packets and fixed-size ATM cells. | Feature | Description | | :--- | :--- | | **Function** | ATM Segmentation and Reassembly (SAR) | | **Interface** | PCI (Peripheral Component Interconnect) 2.1 | | **Throughput** | Supports full-duplex operation at 155 Mbps (OC-3/STM-1) | | **Memory Interface** | External SDRAM/SRAM for cell buffering | | **Package Type** | Typically PQFP (Plastic Quad Flat Pack) | --- ## 2. Key Internal Components To understand how the TNETA1575 operates, it is helpful to look at its functional blocks: ### A. The SAR Engine This is the "brain" of the chip. - **Segmentation:** It breaks down large variable-length data packets (like Ethernet frames) into 53-byte ATM cells. - **Reassembly:** It collects incoming 53-byte cells and reconstructs the original data packet for the host system. ### B. PCI Interface Unit The TNETA1575 connects directly to a computer's or router's bus via a PCI interface. This allows for high-speed Direct Memory Access (DMA), meaning the chip can move data to the system RAM without taxing the main CPU. ### C. UTOPIA Interface This is a standard industry interface (Universal Test and Operations PHY Interface for ATM) used to connect the TNETA1575 to the **Physical Layer (PHY)** device, such as an optical fiber transceiver. --- ## 3. Pinout and Connectivity Categories The pins on the TNETA1575 are generally categorized into these functional groups: 1. **System Bus Pins:** Address and data lines for the PCI bus (AD0-AD31). 2. **Memory Pins:** Dedicated lines for external buffer memory management. 3. **ATM Interface Pins:** The UTOPIA data bus for sending/receiving cells to the physical wire. 4. **Clock/Power:** Separate pins for VCC (Power), GND (Ground), and high-frequency oscillators. --- ## 4. Application Context While ATM technology has largely been superseded by Carrier Ethernet and IP-based switching in modern consumer tech, the TNETA1575 was a foundational component in: - **DSLAMs:** Digital Subscriber Line Access Multiplexers (used in early ADSL internet). - **Enterprise Switches:** High-end office networking equipment from the late 90s/early 2000s. - **Legacy Telecom Gateways:** Equipment bridging different types of communication protocols. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the TNETA1575 and newer Ethernet controllers?
    • ⤷ How does the UTOPIA interface function within this IC?
    • ⤷ Can the TNETA1575 be used in modern embedded system designs?