Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TNETE100PMPGE

  • AI
    ### Overview of the TNETE100PMPGE The **TNETE100PMPGE** is a highly integrated Ethernet controller manufactured by **Texas Instruments (TI)**. It belongs to the **ThunderLAN™** family of PCI-based networking chips, specifically designed to bridge the interface between a PCI bus and an Ethernet network. --- ### Core Specifications Below is a breakdown of the primary technical specifications: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Texas Instruments (TI) | | **Package Type** | LQFP-144 (Low-profile Quad Flat Pack) | | **Interface** | PCI 2.1 Compliant (32-bit, 33MHz) | | **Network Speed** | 10/100 Mbps (Fast Ethernet) | | **Voltage Supply** | 3.3V (with 5V tolerant I/O) | | **Architecture** | ThunderLAN Architecture | --- ### Key Electronic Functional Blocks The TNETE100PMPGE integrates several critical components into a single silicon die to handle high-speed data transmission: #### 1. PCI Bus Interface * Acts as the communication bridge to the host computer's motherboard. * Supports **Bus Mastering**, which allows the chip to transfer data directly to and from the system memory without taxing the CPU. #### 2. Media Access Control (MAC) * Implements the IEEE 802.3 standard. * Handles framing, error detection (CRC), and address recognition. * Supports full-duplex operation, allowing simultaneous transmission and reception. #### 3. Internal Buffer Management * Contains integrated FIFO (First-In-First-Out) buffers. * These buffers manage the timing difference between the high-speed PCI bus and the varying speeds of the Ethernet wire to prevent data loss. #### 4. Physical Layer Interface (MII) * The chip features a **Media Independent Interface (MII)**. * This allows it to connect to external Physical Layer (PHY) transceivers or integrate directly with 10Base-T/100Base-TX magnets and connectors. --- ### Pin Configuration Categories (LQFP-144) Due to its 144-pin count, the chip organizes its electronic connections into these main groups: 1. **PCI Interface Pins:** Address/Data (AD) lines, Command/Byte Enable (C/BE), and control signals (FRAME#, IRDY#, TRDY#). 2. **Network Interface Pins:** MII transmit/receive data lines, clock signals, and status indicators. 3. **Management Pins:** Serial EEPROM interface (for storing MAC addresses and configuration data). 4. **Power/Ground:** Multiple $V_{CC}$ and $GND$ pins to ensure stable power delivery and reduce electrical noise. --- ### Application Use Cases * **Legacy Network Interface Cards (NICs):** The primary use for desktop computers in the late 90s and early 2000s. * **Embedded Systems:** Used in industrial PC motherboards that require stable 10/100 Mbps connectivity. * **Print Servers:** Managing network traffic for shared peripherals.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the TNETE100PMPGE?
    • ⤷ Which external PHY transceivers are most compatible with this chip?
    • ⤷ How does the ThunderLAN architecture differ from standard Ethernet controllers?