Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TNETE110PM

  • AI
    ## Overview of the TNETE110PM The **TNETE110PM** is a specialized integrated circuit (IC) manufactured by **Texas Instruments**. It belongs to the **ThunderLAN™** family of PCI-based Ethernet controllers. This chip was primarily designed to provide a highly integrated solution for 10/100 Mbps Ethernet connectivity in desktop PCs, servers, and embedded systems during the late 90s and early 2000s. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Texas Instruments | | **Interface** | PCI 2.1 Compliant (32-bit, 33MHz) | | **Data Rate** | 10 Mbps (Half/Full Duplex) and 100 Mbps (Full Duplex) | | **Package Type** | 160-pin PQFP (Plastic Quad Flat Pack) | | **Architecture** | ThunderLAN Single-Chip Architecture | | **Voltage** | 3.3V / 5V tolerant I/O | | **PHY Integration** | Requires external PHY (Physical Layer) transceiver | --- ### Core Electronic Components & Architecture The TNETE110PM functions as a **Media Access Controller (MAC)**. Below are the primary internal blocks that define its electronic behavior: #### 1. PCI Bus Interface Unit (BIU) * **Purpose:** Acts as the bridge between the computer's CPU/Memory and the network controller. * **Function:** It handles DMA (Direct Memory Access) transfers, allowing the chip to move data directly to system RAM without taxing the CPU. #### 2. ThunderLAN MAC Core * The "heart" of the chip. It manages the **CSMA/CD** (Carrier Sense Multiple Access with Collision Detection) protocol, framing of data packets, and error checking (CRC generation and verification). #### 3. MII (Media Independent Interface) * The TNETE110PM uses an **MII interface** to communicate with an external Physical Layer (PHY) chip. * **Electronic Path:** MAC (TNETE110PM) $\rightarrow$ MII Interface $\rightarrow$ PHY Transceiver $\rightarrow$ Isolation Transformer $\rightarrow$ RJ-45 Port. #### 4. FIFO Buffers * Internal transmit and receive FIFOs (First-In-First-Out) are used to manage data bursts and prevent data loss during high-traffic periods or PCI bus latency. --- ### Pin Configuration Summary Because it is a 160-pin PQFP device, the pins are categorized into functional groups: * **PCI Signals:** `AD[31:0]`, `C/BE[3:0]`, `FRAME#`, `IRDY#`, `TRDY#`, `STOP#`, `IDSEL`. * **Network Interface (MII):** `TX_EN`, `TX_CLK`, `RX_CLK`, `RX_DV`, `RXD[3:0]`, `TXD[3:0]`. * **System Signals:** `CLK`, `RST#`, `INTA#` (Interrupt request). * **Power/Ground:** Multiple `VCC` and `GND` pins to ensure stable power distribution across the high-speed digital logic. --- ### Common Applications 1. **Network Interface Cards (NICs):** The most common use case for standard desktop computers. 2. **Motherboard Integration:** Used by OEMs to provide "On-board" LAN. 3. **Embedded Networking:** Used in industrial routers or early internet appliances.
    ✨ Follow-up Questions
    • ⤷ What are the compatible PHY transceiver chips for the TNETE110PM?
    • ⤷ Is the TNETE110PM still in production or is it EOL (End of Life)?
    • ⤷ How does the ThunderLAN architecture differ from modern Ethernet controllers?