TNETE2201BPHD
AI

The **TNETE2201BPHD** is a specialized Integrated Circuit (IC) developed by Texas Instruments. It primarily functions as a **ThunderLAN™ PCI Ethernet Controller**. It was designed to bridge the gap between the PCI bus and Ethernet networking during the era of transition from 10Mbps to 100Mbps networks.
---
### 1. Core Technical Specifications
The following table highlights the primary electronic characteristics of the TNETE2201BPHD:
| Feature | Specification |
| :--- | :--- |
| **Interface Type** | PCI Local Bus (v2.1 compliant) |
| **Network Speed** | 10/100 Mbps (Auto-negotiation supported) |
| **Package Type** | PHT (Plastic Quad Flatpack - PQFP) |
| **Pin Count** | 208 Pins |
| **Voltage Supply** | 3.3V / 5V (I/O Tolerant) |
| **Architecture** | ThunderLAN Single-chip 10/100 Ethernet |
---
### 2. Key Internal Components
The TNETE2201BPHD integrates several critical blocks into a single piece of silicon:
* **PCI Bus Interface Unit (BIU):** Manages data transfers between the system CPU/Memory and the network controller. It supports **Bus Mastering**, allowing the chip to move data without taxing the system processor.
* **Media Access Control (MAC):** Implements the IEEE 802.3 standard protocols. It handles framing, error detection (CRC), and flow control.
* **Internal FIFO Buffers:** Stores incoming and outgoing data packets to prevent data loss during periods of high bus latency.
* **MII (Media Independent Interface):** Provides a standardized connection point to the Physical Layer (PHY) transceiver, allowing it to work with various media types (Copper, Fiber).
---
### 3. Functional Capabilities
The "ThunderLAN" architecture was known for specific performance-enhancing features:
1. **Full-Duplex Support:** Allows simultaneous transmission and reception of data, effectively doubling the potential bandwidth.
2. **Adaptive Interrupts:** Reduces the number of interrupts sent to the CPU, which lowers system overhead and increases efficiency during heavy network traffic.
3. **Direct Memory Access (DMA):** It uses powerful DMA engines to transfer data directly to system RAM, ensuring high throughput for 100BASE-TX operations.
---
### 4. Application Context
While this part is now largely considered **Legacy/Obsolete**, it was historically used in:
* High-performance PCI Ethernet Network Interface Cards (NICs).
* Embedded systems requiring high-speed networking capabilities.
* Workstations and early server-grade motherboards.
- ⤷
What are the modern replacements for the TNETE2201 series?
- ⤷ How does the ThunderLAN architecture differ from modern Gigabit Ethernet controllers?
- ⤷ Where can I find the pinout diagram for the 208-pin PHT package?