Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TNETV2685FIDZUT7

  • AI
    The **TNETV2685FIDZUT7** is a high-performance, digital signal processor (DSP) from Texas Instruments (TI), primarily part of the **TMS320C64x+** generation. It is specifically designed for high-density media processing, such as video infrastructure, transcoding, and multi-channel telecommunications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Texas Instruments (TI) | | **Core Architecture** | TMS320C64x+ DSP | | **Clock Speed** | Typically up to 720MHz / 850MHz / 1GHz (Variant dependent) | | **Package Type** | FCBGA (Flip Chip Ball Grid Array) | | **Pin Count** | 627 Pins (ZUT Package) | | **Voltage Supply** | Core: 1.1V / 1.2V; I/O: 1.8V / 3.3V | --- ### 2. Core Architecture Components The device is built on the **DaVinci™ technology** framework, optimized for digital video processing. * **DSP Core:** Utilizes the C64x+ fixed-point core which includes specialized instructions for video acceleration and high-speed math. * **Memory Hierarchy:** * **L1 Cache:** Split into L1P (Program) and L1D (Data). * **L2 Memory:** A large unified mapped memory that can be configured as SRAM or Cache. * **Internal Bus:** Uses a high-bandwidth switched central resource (SCR) to manage data flow between the core and peripherals without bottlenecks. --- ### 3. Integrated Peripherals and Interfaces To handle massive amounts of media data, the TNETV2685 includes a robust set of I/O interfaces: 1. **Video Ports:** Dedicated Video Port Interface (VPIF) for capturing and displaying video streams (BT.656/BT.1120). 2. **Memory Interfaces:** * **DDR2 Memory Controller:** Supports high-speed external RAM. * **EMIFA:** For connecting to asynchronous memories (Flash, SRAM). 3. **Connectivity:** * **Gigabit Ethernet (EMAC):** For high-speed networking. * **PCI/HPI:** For host processor communication. * **Serial Ports:** McBSP (Multichannel Buffered Serial Port) for audio and telecom protocols. --- ### 4. Common Applications Due to its high computational density, this chip is typically found in: * **Carrier-class Media Gateways:** Handling hundreds of simultaneous voice or video calls. * **Video Transcoding Servers:** Converting video between different formats (e.g., H.264 to MPEG-2). * **Video Security/Surveillance:** Processing multiple high-definition camera feeds in real-time. * **Medical Imaging:** High-speed reconstruction of ultrasound or X-ray data. --- ### 5. Part Number Breakdown (TNETV2685FIDZUT7) * **TNETV:** Texas Instruments Network Video series. * **2685:** The specific model/performance tier. * **ZUT:** The physical package code (627-pin FCBGA). * **7:** Often refers to the speed grade (e.g., 700MHz or 720MHz).
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the TNETV2685 under full load?
    • ⤷ Is the TNETV2685 software-compatible with other TMS320C6000 series DSPs?
    • ⤷ Which specific video codecs are hardware-accelerated on this architecture?