TOM-1545S-R
AI

## Overview of TOM-1545S-R
The **TOM-1545S-R** is an **Electret Condenser Microphone (ECM)**. It is a small, cylindrical component designed to convert sound waves into electrical signals. These microphones are widely used in consumer electronics due to their low cost, high sensitivity, and small form factor.
---
### Technical Specifications
The following table highlights the primary electrical and physical characteristics typical for this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Electret Condenser (Omnidirectional) |
| **Diameter** | 9.7 mm |
| **Height** | 4.5 mm |
| **Sensitivity** | -45 ± 3 dB (0dB=1V/Pa, 1kHz) |
| **Operating Voltage** | 1.5V to 10V (Standard: 2.0V) |
| **Current Consumption** | 0.5 mA (Max) |
| **Frequency Range** | 20 Hz – 16,000 Hz |
| **Signal-to-Noise Ratio** | > 60 dB |
| **Output Impedance** | 2.2 kΩ |
| **Termination** | Solder Pads (typically) |
---
### Internal Electronics and Operation
The TOM-1545S-R operates based on the principle of variable capacitance.
1. **The Diaphragm:** A thin, metalized plastic film acts as one plate of a capacitor. It is permanently charged (the "electret" material).
2. **The Backplate:** A solid metal plate acting as the second electrode.
3. **The FET (Field Effect Transistor):** Because the output of the condenser capsule is extremely high impedance, it cannot drive a standard circuit directly.
* Inside the metal housing, there is a built-in **JFET**.
* The JFET acts as an impedance converter, transforming the high-impedance signal into a low-impedance signal usable by pre-amplifiers.
---
### Implementation Circuit
To use the TOM-1545S-R, you must provide a "Bias Voltage" through a resistor. Below is a standard wiring configuration:
```text
VCC (Power)
|
[R1: 2.2k Ohm]
|
+----[C1: 1uF-10uF Capacitor]----> Signal Out (To Pre-amp)
|
( + ) Positive Terminal
[ TOM-1545S-R ]
( - ) Negative Terminal (Connected to Case)
|
Ground
```
### Key Application Areas
* **Telecommunications:** Hands-free kits and telephone handsets.
* **Computing:** Laptop microphones and webcams.
* **Consumer Audio:** Voice recorders and voice-activated smart devices.
* **Industrial:** Noise monitoring sensors.
---
- ⤷What is the difference between an omnidirectional and unidirectional electret microphone?
- ⤷ How do I calculate the optimal bias resistor for this microphone?
- ⤷ Can this microphone be used directly with an Arduino or ESP32?