Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TOM-3044L-R

  • AI
    ### Overview: TOM-3044L-R The **TOM-3044L-R** is a specific type of **Electret Condenser Microphone (ECM)**. These components are widely used in consumer electronics for sound capture due to their small size, high sensitivity, and low power consumption. --- ### Technical Specifications The following table outlines the typical electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Component Type** | Electret Condenser Microphone | | **Directivity** | Omnidirectional (picks up sound from all directions) | | **Sensitivity** | -44 ± 3 dB (at 1kHz, 0dB=1V/Pa) | | **Standard Operating Voltage** | 2.0 VDC | | **Maximum Operating Voltage** | 10.0 VDC | | **Current Consumption** | 0.5 mA (Max) | | **Impedance** | 2.2 kΩ (Max) | | **Frequency Range** | 50 Hz – 20,000 Hz | | **Signal to Noise Ratio** | > 58 dB | | **Dimensions** | Approx. 9.7mm (Diameter) x 4.5mm (Height) | | **Termination** | Leaded (Wire Leads) | --- ### Internal Circuitry The TOM-3044L-R contains a built-in **Field Effect Transistor (FET)**. Because the capacitive element of an electret microphone produces a very high impedance signal, the FET acts as an impedance converter (buffer) to make the signal usable by standard audio pre-amplifiers. #### Typical Wiring Diagram To use this part, you must provide a "Bias Voltage" through a resistor. ```text Vcc (+) | [R_load: 2.2k] | +----(Output Capacitor)----> Audio Out | (Drain) [ TOM-3044L-R ] (Source) | Ground (-) ``` --- ### Key Features 1. **Omnidirectional Pickup:** It captures sound equally from all sides, making it ideal for ambient recording or devices where the user might speak from different angles. 2. **R-Suffix (RoHS Compliant):** The "R" at the end typically denotes compliance with environmental standards, ensuring no hazardous substances like lead are used. 3. **High Sensitivity:** At -44dB, it is capable of picking up relatively quiet sounds, suitable for voice recording. 4. **Compact Form Factor:** The 9.7mm diameter is a standard "large" ECM size, providing a good balance between signal quality and space-saving. --- ### Common Applications * **Communication Devices:** Telephones, walkie-talkies, and intercoms. * **Computer Peripherals:** External microphones and webcams. * **Voice Recognition:** Smart home assistants or voice-activated toys. * **Security:** Sound-activated triggers or audio surveillance.
    ✨ Follow-up Questions
    • ⤷ What is the recommended load resistor value for a 5V power supply?
    • ⤷ How does the sensitivity rating of -44dB compare to other common microphones?
    • ⤷ Can this microphone be used with an Arduino or Raspberry Pi without an amplifier?