Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TP11368V/NOPB

  • AI
    The **TP11368V/NOPB** is a specialized integrated circuit designed for telecommunications applications. It belongs to the **PCM (Pulse Code Modulation)** family, specifically serving as a mixed-signal interface between analog voice signals and digital telephony systems. --- ### 1. General Overview The TP11368V is an **Advanced Combined PCM Codec and Filter (COMBO)** device. It integrates the necessary hardware to convert analog voice signals into digital bitstreams and vice versa. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Texas Instruments (formerly National Semiconductor) | | **Function** | PCM Codec and Filter | | **Package** | PLCC-28 (Plastic Leaded Chip Carrier) | | **Operating Voltage** | Typically ±5V (Dual) or 5V (Single) depending on configuration | | **RoHS Status** | NOPB (No Pb/Lead-free) | --- ### 2. Key Internal Components The architecture of the TP11368V is divided into two main paths: #### A. Transmit Section (Analog to Digital) * **Input Amplifier:** Provides gain adjustment for the incoming analog voice signal. * **Bandpass Filter:** Removes low-frequency noise (hum) and high-frequency aliasing components. * **A/D Converter:** Uses a non-linear encoding law (typically **$\mu$-Law** or **A-Law**) to compress the dynamic range of the voice signal into 8-bit digital words. #### B. Receive Section (Digital to Analog) * **D/A Converter:** Converts the 8-bit digital PCM data back into an analog voltage. * **Low-pass Filter:** Smooths the "staircase" output of the DAC to reconstruct a clear voice waveform. * **Power Amplifier:** Drives the output to a telephone line interface or a speaker. --- ### 3. Technical Specifications Table | Parameter | Value | | :--- | :--- | | **Number of Channels** | 1 | | **Sampling Rate** | 8 kHz (Standard Telephony) | | **Interface** | Serial PCM Interface | | **Power Dissipation** | Low power consumption (approx. 50-70 mW active) | | **Temperature Range** | -25°C to +125°C (Extended range available) | --- ### 4. Typical Application Circuit In a standard system, the TP11368V acts as the bridge between a **SLIC (Subscriber Line Interface Circuit)** and a digital processor. ```mermaid graph LR A[Analog Voice/Phone] <--> B[SLIC] B <--> C[TP11368V Codec] C <--> D[Digital Processor/DSP] ``` ### 5. Why "NOPB"? The suffix **NOPB** stands for **"No Pb" (Lead-Free)**. This indicates that the component complies with environmental regulations (like RoHS) by using lead-free finishes on the leads and environmentally friendly packaging materials. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between A-law and u-law encoding in this codec?
    • ⤷ Can the TP11368V be used in modern VoIP applications?
    • ⤷ What are the specific power supply requirements for the TP11368V?