AI

The **TP2CMPQ** is a specific part number typically associated with **Thermal Protectors** (also known as thermal cut-offs or thermostats), often used in industrial motors, appliances, and HVAC systems. These components are designed to protect electrical circuits from overheating.
---
### 1. Component Overview
The TP2 series (of which the CMPQ is a specific variant) is generally a **bimetallic thermal protector**. It functions as a safety switch that opens the circuit when a specific temperature threshold is reached.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Bimetallic Thermal Cut-out / Protector |
| **Action Type** | Normally Closed (NC) - Opens on temperature rise |
| **Reset Type** | Automatic (Resets once the unit cools down) |
| **Housing** | Often encapsulated in a plastic or metal case for insulation |
---
### 2. Key Specifications
While exact specifications can vary by manufacturer (such as Sensata/Klixon or SEKI), the "CMPQ" designation usually refers to the following parameters:
* **Temperature Rating:** Typically calibrated to a specific Celsius range (e.g., 70°C to 150°C).
* **Electrical Rating:** Usually rated for 125VAC/250VAC at specific amperages (often between 2A to 7A).
* **Contact Resistance:** Very low (under 50mΩ) to prevent the protector itself from generating heat.
* **Durability:** Designed for high cycle life (typically 10,000+ operations).
---
### 3. Internal Mechanism
The device operates on the principle of differential expansion of two different metals:
1. **Normal State:** The bimetal disc is in contact, allowing current to flow through the device to the load.
2. **Overheat State:** As the ambient temperature or current-induced heat rises, the bimetal disc reaches its "Snap" point.
3. **Action:** The disc snaps into a concave shape, physically separating the contacts and breaking the circuit.
4. **Reset:** Once the temperature drops below the "Reset" threshold, the disc snaps back to its original position, closing the circuit.
---
### 4. Application Areas
These parts are critical for preventing fires and equipment damage in:
* **Small Motors:** Hairdryers, fans, and vacuum cleaners.
* **Transformers:** Preventing coil insulation melt-down.
* **Battery Packs:** Protecting against thermal runaway during charging/discharging.
* **Solenoids:** Preventing burnout due to prolonged activation.
---
### 5. Identification and Substitutes
When replacing a **TP2CMPQ**, pay close attention to the markings following the part number, as they indicate the **Opening Temperature**.
```text
Example Marking:
TP2-CMPQ 105C
^ ^
Series Trip Temp (105 Degrees Celsius)
```
- ⤷What is the specific trip temperature for your TP2CMPQ unit?
- ⤷ Are you looking for a datasheet or a compatible replacement part?
- ⤷ Is this protector being used in a motor or a battery application?